Electronic Components Datasheet Search
  English  ▼

X  

0814775 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0814775
Description  VS-08-RJ45-5-Q/IP67-BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0814775 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0814775 Datasheet HTML 1Page - PHOENIX CONTACT 0814775 Datasheet HTML 2Page - PHOENIX CONTACT 0814775 Datasheet HTML 3Page - PHOENIX CONTACT 0814775 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VS-08-RJ45-5-Q/IP67-BK Order No.: 1658493
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1658493
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Feb 24, 2011
Conductor cross-section
0.13 mm² ... 0.32 mm² (solid)
0.14 mm² ... 0.36 mm² (stranded)
Connection cross-section AWG
26 ... 22 (solid)
26 ... 22 (stranded)
External cable diameter
5 mm ... 8 mm
Cable exit
Straight
Color
Deep black RAL 9005
Ambient temperature (operation)
-20 °C ... 70 °C
Material data
Inflammability class acc. to UL 94
V0
Housing material
PA
Contact carrier material
PC
Contact material
Copper alloy
Contact surface material
Gold over nickel
Material, O-ring
FPM
Cable seal material
NBR
Material, housing intermediate seal
NBR
Degree of protection
IP67
Electrical characteristics
Number of positions
8
Transmission characteristics (category)
CAT5 (IEC 11801:2002), CAT5e (TIA 568B:2001)
Rated current
1.75 A
Surge voltage category
I
Pollution degree
2
Certificates / Approvals
Certification
CUL, UL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com