Electronic Components Datasheet Search
  English  ▼

X  

PLL103-11 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL103-11
Description  Low Skew Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-11 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL103-11 Datasheet HTML 1Page - PhaseLink Corporation PLL103-11 Datasheet HTML 2Page - PhaseLink Corporation PLL103-11 Datasheet HTML 3Page - PhaseLink Corporation PLL103-11 Datasheet HTML 4Page - PhaseLink Corporation PLL103-11 Datasheet HTML 5Page - PhaseLink Corporation PLL103-11 Datasheet HTML 6Page - PhaseLink Corporation PLL103-11 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PLL103-11
Low Skew Buffers
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/07/00 Page 3
I2C BUS CONFIGURATION SETTING
Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
_
Slave
Receiver/Transmitter
Provides both slave write and readback functionality
Data Transfer Rate
Standard mode at 100kbits/s
Data Protocol
This serial protocol is designed to allow both blocks write and read from the controller. The
bytes must be accessed in sequential order from lowest to highest byte. Each byte transferred
must be followed by 1 acknowledge bit. A byte transferred without acknowledged bit will
terminate the transfer. The write or read block both begins with the master sending a slave
address and a write condition (0xD2) or a read condition (0xD3).
Following the acknowledge of this address byte, in
Write Mode: the Command Byte and Byte
Count Byte must be sent by the master but ignored by the slave, in Read Mode: the Byte
Count Byte will be read by the master then all other Data Byte. Byte Count Byte default at
power-up is = (0x09).
I2C CONTROL REGISTERS
1. BYTE 0: SDRAM(0:5) Clock Register (1=Enable, 0=Disable)
Bit
Pin#
Default
Description
Bit 7
11
1
SDRAM5 (Active/Inactive)
Bit 6
10
1
SDRAM4 (Active/Inactive)
Bit 5
-
1
Reserved
Bit 4
-
1
Reserved
Bit 3
7
1
SDRAM3 (Active/Inactive)
Bit 2
6
1
SDRAM2 (Active/Inactive)
Bit 1
3
1
SDRAM1 (Active/Inactive)
Bit 0
2
1
SDRAM0 (Active/Inactive)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com