Electronic Components Datasheet Search
  English  ▼

X  

PLL103-11 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL103-11
Description  Low Skew Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-11 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL103-11 Datasheet HTML 1Page - PhaseLink Corporation PLL103-11 Datasheet HTML 2Page - PhaseLink Corporation PLL103-11 Datasheet HTML 3Page - PhaseLink Corporation PLL103-11 Datasheet HTML 4Page - PhaseLink Corporation PLL103-11 Datasheet HTML 5Page - PhaseLink Corporation PLL103-11 Datasheet HTML 6Page - PhaseLink Corporation PLL103-11 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL103-11
Low Skew Buffers
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/07/00 Page 1
FEATURES
• Generates 13 copies of High-speed clock inputs.
• Supports up to three SDRAM DIMMS synchronous
clocks.
• Supports 2-wire I2C serial bus interface with
readback.
• 50% duty cycle with low jitter.
• Less than 5ns delay.
• Skew between any outputs is less than 250 ps.
• Tri-state pin for testing.
• Frequency up to 150 MHz.
• 3.0V-3.7V Supply range.
• Available in 28-pin 300mil SOIC package.
BLOCK DIAGRAM
PIN CONFIGURATION
POWER GROUP
• VDD: SDRAM (0:12)
• VDD1: I2C Circuitry
GROUND GROUP
• GND: SDRAM (0:12)
• GND1: I2C Circuitry
KEY SPECIFICATIONS
• BUF_IN to SDRAM outputs Delay: 1 ~ 5 ns.
• Output Slew: ≥1.5 V/ns.
• Output Skew: ±250 ps.
• Output Duty Cycle: 50% ± 5%.
28
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
VDD1
VDD
SDRAM0
VDD
13
14
SDATA
SDRAM1
GND
SDRAM2
SDRAM3
GND
BUF_IN
SDRAM4
SDRAM5
SDRAM12
27
22
21
20
19
18
17
16
15
GND1
VDD
SDRAM11
VDD
SCLK
SDRAM10
GND
SDRAM9
SDRAM8
GND
VDD
SDRAM7
SDRAM6
GND
BUF_IN
SDATA
SCLK
I2C
Control
SDRAM0
SDRAM1
SDRAM2
SDRAM3
SDRAM4
SDRAM5
SDRAM6
SDRAM7
SDRAM8
SDRAM9
SDRAM10
SDRAM11
SDRAM12


Similar Part No. - PLL103-11

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XC PLL-PLL103-01XC Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XI PLL-PLL103-01XI Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XM PLL-PLL103-01XM Datasheet
69Kb / 7P
Low Skew Buffers
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results

Similar Description - PLL103-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
ICS9179B-01 ICST-ICS9179B-01 Datasheet
559Kb / 9P
Low Skew Buffers
Rev C 05/18/98
logo
Pericom Semiconductor C...
PI6C9911 PERICOM-PI6C9911 Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
logo
Integrated Circuit Syst...
ICS8547 ICST-ICS8547 Datasheet
119Kb / 12P
HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
REV. A FEBRUARY 4, 2003
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com