Electronic Components Datasheet Search
  English  ▼

X  

PLL650-05 Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL650-05
Description  Low EMI Network LAN Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-05 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL650-05 Datasheet HTML 1Page - PhaseLink Corporation PLL650-05 Datasheet HTML 2Page - PhaseLink Corporation PLL650-05 Datasheet HTML 3Page - PhaseLink Corporation PLL650-05 Datasheet HTML 4Page - PhaseLink Corporation PLL650-05 Datasheet HTML 5Page - PhaseLink Corporation PLL650-05 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLL650-05
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 5
3. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
VDD /2
V
Input Low Voltage
VIL
VDD /2
VDD /2 - 1
V
Input High Voltage
VIH
For all Tri-level input
VDD -0.5
V
Input Low Voltage
VIL
For all Tri-level input
0.5
V
Input High Voltage
VIH
For all normal input
2
V
Input Low Voltage
VIL
For all normal input
0.8
V
Output High Voltage
VOH
IOH = -25mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD -0.4
V
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±50
mA
Nominal output current*
Iout
CMOS output level
35
40
mA
Nominal output current*
Iout
TTL output level
20
25
mA
Internal pull-up resistor
Rup
Pins 5,7
60
k
Ω
Internal pull-up resistor
Rup
Pin 2
120
k
Ω
*: SDRAM output strengths are doubled (i.e. min. CMOS level is 70mA, typ. CMOS level is 80mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com