Electronic Components Datasheet Search
  English  ▼

X  

PLL650-05 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL650-05
Description  Low EMI Network LAN Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-05 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL650-05 Datasheet HTML 1Page - PhaseLink Corporation PLL650-05 Datasheet HTML 2Page - PhaseLink Corporation PLL650-05 Datasheet HTML 3Page - PhaseLink Corporation PLL650-05 Datasheet HTML 4Page - PhaseLink Corporation PLL650-05 Datasheet HTML 5Page - PhaseLink Corporation PLL650-05 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL650-05
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Full CMOS output swing with 40-mA output drive
capability. 25-mA output drive at TTL level.
• Advanced, low power, sub-micron CMOS processes.
• 25MHz fundamental crystal or clock input.
• 3 fixed outputs of 25MHz, 75Mhz and 125Mhz with
output disable
• SDRAM selectable frequencies of 105, 83.3, 140MHz
(Double Drive Strength).
• Spread spectrum technology selectable for EMI
reduction from
±0.5%, ±0.75% center for SDRAM and
CPU.
• Zero PPM synthesis error in all clocks.
• Ideal for Network switches.
• 3.3V operation.
•
Available in 16-Pin 150mil SOIC.
DESCRIPTION
The PLL650-05 is a low cost, low jitter, high
performance clock synthesizer. With PhaseLink’s
proprietary analog Phase Locked Loop techniques, this
device can produce multiple clock outputs from a 25.0MHz
crystal or reference clock. This makes the PLL650-05 an
excellent choice for systems requiring clocking for network
chips, PCI devices, SDRAM, and ASICs.
PIN CONFIGURATION
FREQUENCY TABLE
FS1
FS0
SDRAMX2
0
0
Tristate
0
1
140MHzSST
1
0
83.3MHzSST
1
1
105MHzSST
BLOCK DIAGRAM
XTAL
OSC
125MHz
(can be disabled)
XIN
XOUT
SDRAM (105, 83.3, 140MHz)
75 MHz
(can be disabled)
Control
Logic
FS (0:1)
1
1
1
25MHz
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
VDD
25MHz/FS0*^
GND
GND
SDRAMx2
VDD
SS0T
XIN
XOUT/ENB_125M*^
GND
VDD
125MHz
GND
75MHz/FS1*^
ENB_75MHz^
Note: SDRAMx2: Double Drive strength. T: Tri-Level input ^: Internal pull-up
resistor *: Bi-directional pin (input value is latched upon power-up).


Similar Part No. - PLL650-05

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-01XC PLL-PLL650-01XC Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-01XC-R PLL-PLL650-01XC-R Datasheet
219Kb / 7P
Low EMI Network LAN Clock
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
More results

Similar Description - PLL650-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-03 PLL-PLL650-03 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-06 PLL-PLL650-06 Datasheet
228Kb / 5P
Network LAN Clock
PLL650-07 PLL-PLL650-07 Datasheet
210Kb / 4P
LOW COST Network LAN Clock SOURCE
PLL650-08 PLL-PLL650-08 Datasheet
312Kb / 5P
Network LAN Clock Source
PLL650-10 PLL-PLL650-10 Datasheet
321Kb / 5P
Network LAN Clock for Gigabit Ethernet
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-09 PLL-PLL650-09 Datasheet
332Kb / 5P
Low Cost Network LAN Clock
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com