Electronic Components Datasheet Search
  English  ▼

X  

MAXSMBUS Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  Measures and Displays Remote and Internal
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 6Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAX1668 Evaluation System
2
_______________________________________________________________________________________
Note: Please indicate you are using the MAX1668 when con-
tacting these component suppliers.
Quick Start
Recommended Equipment
Before you begin, you will need the following equip-
ment:
•
IBM PC-compatible computer running Windows
95/98/2000
•
Parallel-printer port (25-pin socket on the back of
the computer)
•
Standard 25-pin, straight-through, male-to-female
cable to connect the computer’s parallel port to the
Maxim SMBus interface board
•
DC power supply capable of supplying +7V to
+20V at 100mA for the SMBus interface board
Procedure
1) Ensure switch SW1 on the MAX1668 EV kit is in the
OFF position. Do not turn on the power until all
connections are made.
2) Carefully connect the boards by aligning the
MAX1668 EV kit’s 20-pin connector with the 20-pin
header of the MAXSMBUS interface board. Gently
press them together. The two boards should be
flush against each other.
3) Connect a cable from the computer’s parallel port
to the SMBus interface board. Use a 25-pin,
straight-through, male-to-female cable. To avoid
damaging the EV kit or your computer, do not use a
25-pin SCSI port or any other connector that is
physically similar to the 25-pin parallel-printer port.
4) The MAX1668.EXE software program can be run
from the floppy or hard drive. Use the Windows
Program Manager to run the program. If desired,
you may use the INSTALL.EXE program to copy the
files and create icons for them in the Windows
95/98 Start Menu. An uninstall program is included
with the software. Click on the UNINSTALL icon to
remove the EV kit software from the hard drive.
5) Connect the +7V to +20V DC power supply to the
pads labeled POS9 and GND1 of the SMBus inter-
face board.
6) Turn on the power supply.
7) Turn the EV kit on by moving SW1 to the ON position.
8) Start the MAX1668 program by opening its icon in
the Start Menu.
9) Observe as the program automatically detects the
MAX1668 address and starts the main program.
Software Description
User-Interface Panel
The user interface is easy to operate; use the mouse, or
press the Tab key to navigate with the arrow keys. Each
of the buttons corresponds to bits in the command and
configuration bytes. By clicking on them, the correct
SMBus write operation is generated to update the inter-
nal registers.
The program continually polls the device for new tem-
perature data and status, and monitors for alert condi-
tions. To change the THIGH and TLOW threshold com-
parison registers, select the appropriate data field and
type in the new value. Pressing Enter, after typing in the
new values, updates the internal registers.
If an interrupt condition is generated by the temperature
crossing one of the alarm threshold levels, the ALERT
message will be displayed in the alert box. To clear the
interrupt, first eliminate the condition that caused it, then
click on Read Alert. This action reads the Alert
Response address, returns the value of the current
MAX1668 slave address, and clears the interrupt.
Note:
The least significant bit of the address is the
read/write status bit; therefore, the address returned will
be 1 higher.
Component Suppliers
SUPPLIER
PHONE
FAX
Central Semiconductor
515-435-1110
515-435-1824
Fairchild
408-822-2000
408-822-2102
General Semiconductor
631-847-3000
631-847-3236
Motorola
303-675-2140
303-675-2150
Taiyo Yuden
408-573-4150
408-573-4159
Vishay Liteon/Diodes Inc.
805-446-4800
805-446-4850



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com