Electronic Components Datasheet Search
  English  ▼

X  

MAXSMBUS Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  Measures and Displays Remote and Internal
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 6Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAX1668 Evaluation System
_______________________________________________________________________________________
5
MAX1668
C2
2200pF
C1
0.1
µF
DXP1
SMBCLK
SMBCLK
GND
VCC
SW1
SMBDATA
ALERT
SMBDATA
ALERT
STBY
ADD0
ADD1
JU4
(SHORTED BY
PCB TRACE)
SMBDATA
VCC
DXN1
14
13
12
15
1
JU3
JU1
2
3
ON
OFF
11
10
DXP2
DXN2
DXP3
DXN3
DXP4
DXN4
1
9
2
Q1
DXP1
DXN1
C3
2200pF
3
4
Q2
DXP2
DXN2
C4
2200pF
5
6
Q3
DXP3
DXN3
C5
2200pF
7
8
Q4
DXP4
DXN4
16
GND
1
2
3
JU2
J1–1
VCC
1
2
3
J1–5
J1–3
SMBCLK
J1–7
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
J1–9
ALERT
J1–11
J1–13
J1–15
J1–17
J1–19
J1–2
J1–6
J1–4
J1–8
J1–10
J1–12
J1–14
J1–16
J1–18
J1–20
Figure 2. MAX1668 EV Kit Schematic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com