Electronic Components Datasheet Search
  English  ▼

X  

TGL2201 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # TGL2201
Description  Wideband Dual Stage VPIN Limiter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL2201 Datasheet(HTML) 6 Page - Qorvo, Inc

  TGL2201 Datasheet HTML 1Page - Qorvo, Inc TGL2201 Datasheet HTML 2Page - Qorvo, Inc TGL2201 Datasheet HTML 3Page - Qorvo, Inc TGL2201 Datasheet HTML 4Page - Qorvo, Inc TGL2201 Datasheet HTML 5Page - Qorvo, Inc TGL2201 Datasheet HTML 6Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TGL2201
Wideband Dual Stage VPIN Limiter
Data Sheet Rev. C
– January, 2021
- 6 of 6 -
www.qorvo.com
Solderability
Use only AuSn (80/20) solder and limit exposure to
temperatures above 300 °C to 3 – 4 minutes, maximum.
RoHS Compliance
This product is compliant with the 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances
in Electrical and Electronic Equipment), as amended by Directive 2015/863/EU. This product also has the following
attributes:
• Lead Free
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C15H12Br402) Free
• PFOS Free
• SVHC Free
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Tel: 1-844-890-8163
Web: www.qorvo.com
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information. THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED
HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER
EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE,
INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2021 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 1B
ESDA / JEDEC JS-001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com