Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2695
Description  High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2695 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2695 Datasheet HTML 1Page - National Semiconductor (TI) LM2695 Datasheet HTML 2Page - National Semiconductor (TI) LM2695 Datasheet HTML 3Page - National Semiconductor (TI) LM2695 Datasheet HTML 4Page - National Semiconductor (TI) LM2695 Datasheet HTML 5Page - National Semiconductor (TI) LM2695 Datasheet HTML 6Page - National Semiconductor (TI) LM2695 Datasheet HTML 7Page - National Semiconductor (TI) LM2695 Datasheet HTML 8Page - National Semiconductor (TI) LM2695 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics Specifications with standard type are for T
J = 25˚C only; limits in boldface type
apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: V
IN = 24V, RON = 200k
Ω. See (Note
5). (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FB bias current
1
nA
Thermal Shutdown
T
SD
Thermal shutdown
temperature
175
˚C
Thermal shutdown hysteresis
20
˚C
Thermal Resistance
θ
JA
Junction to Ambient
0 LFPM Air Flow
Both Packages
37
˚C/W
θ
JC
Junction to Case
Both Packages
6.6
˚C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading
Note 4: For detailed information on soldering plastic LLP packages, refer to the Packaging Data Book available from National Semiconductor Corporation.
Note 5: Typical specifications represent the most likely parametric norm at 25˚C operation.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com