Electronic Components Datasheet Search
  English  ▼

X  

LM2695SD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2695SD
Description  High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2695SD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2695SD Datasheet HTML 1Page - National Semiconductor (TI) LM2695SD Datasheet HTML 2Page - National Semiconductor (TI) LM2695SD Datasheet HTML 3Page - National Semiconductor (TI) LM2695SD Datasheet HTML 4Page - National Semiconductor (TI) LM2695SD Datasheet HTML 5Page - National Semiconductor (TI) LM2695SD Datasheet HTML 6Page - National Semiconductor (TI) LM2695SD Datasheet HTML 7Page - National Semiconductor (TI) LM2695SD Datasheet HTML 8Page - National Semiconductor (TI) LM2695SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2695
High Voltage (30V, 1.25A) Step Down Switching
Regulator
General Description
The LM2695 Step Down Switching Regulator features all of
the functions needed to implement a low cost, efficient, buck
bias regulator capable of supplying 1.25A to the load. This
buck regulator contains a 33V N-Channel Buck Switch, and
is available in the thermally enhanced LLP-10 and TSSOP-
14EP packages. The hysteretic regulation scheme requires
no loop compensation, results in fast load transient re-
sponse, and simplifies circuit implementation. The operating
frequency remains constant with line and load variations due
to the inverse relationship between the input voltage and the
on-time. The current limit detection is set at 1.25A. Additional
features include: VCC under-voltage lockout, thermal shut-
down, gate drive under-voltage lockout, and maximum duty
cycle limiter.
Features
n
Integrated 33V, N-Channel buck switch
n
Integrated start-up regulator
n
Input Voltage Range: 8V to 30V
n
No loop compensation required
n
Ultra-Fast transient response
n
Operating frequency remains constant with load current
and input voltage
n
Maximum Duty Cycle Limited During Start-Up
n
Adjustable output voltage
n
Valley Current Limit At 1.25A
n
Precision internal reference
n
Low bias current
n
Highly efficient operation
n
Thermal shutdown
Typical Applications
n
High Efficiency Point-Of-Load (POL) Regulator
n
Non-Isolated Telecommunication Buck Regulator
n
Secondary High Voltage Post Regulator
Package
n
LLP-10 (4 mmx4mm)
n
TSSOP-14EP
n
Exposed Thermal Pad For Improved Heat Dissipation
Basic Step Down Regulator
20170431
January 2006
© 2006 National Semiconductor Corporation
DS201704
www.national.com


Similar Part No. - LM2695SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695SD/NOPB TI-LM2695SD/NOPB Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM2695SDX/NOPB TI-LM2695SDX/NOPB Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM2695SDX/NOPB TI2-LM2695SDX/NOPB Datasheet
710Kb / 26P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
REVISED APRIL 2013
LM2695SDX/NOPB.A TI2-LM2695SDX/NOPB.A Datasheet
710Kb / 26P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
REVISED APRIL 2013
LM2695SDX/NOPB.B TI2-LM2695SDX/NOPB.B Datasheet
710Kb / 26P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
REVISED APRIL 2013
More results

Similar Description - LM2695SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com