Electronic Components Datasheet Search
  English  ▼

X  

LM2695SD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2695SD
Description  High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2695SD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2695SD Datasheet HTML 6Page - National Semiconductor (TI) LM2695SD Datasheet HTML 7Page - National Semiconductor (TI) LM2695SD Datasheet HTML 8Page - National Semiconductor (TI) LM2695SD Datasheet HTML 9Page - National Semiconductor (TI) LM2695SD Datasheet HTML 10Page - National Semiconductor (TI) LM2695SD Datasheet HTML 11Page - National Semiconductor (TI) LM2695SD Datasheet HTML 12Page - National Semiconductor (TI) LM2695SD Datasheet HTML 13Page - National Semiconductor (TI) LM2695SD Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information (Continued)
At maximum load current, when the buck switch turns on, the
current into VIN suddenly increases to the lower peak of the
inductor’s ripple current, ramps up to the peak value, then
drop to zero at turn-off. The average current during the
on-time is the load current. For a worst case calculation, C1
must supply this average load current during the maximum
on-time. C1 is calculated from:
where Io is the load current, t
ON is the maximum on-time,
and
∆V is the allowable ripple voltage at V
IN. C5’s purpose is
to help avoid transients and ringing due to long lead induc-
tance at V
IN. A low ESR, 0.1 µF ceramic chip capacitor is
recommended, located close to the LM2695 .
C4: The recommended value for C4 is 0.022 µF. A high
quality ceramic capacitor with low ESR is recommended as
C4 supplies a surge current to charge the buck switch gate
at turn-on. A low ESR also helps ensure a complete recharge
during each off-time.
C6: The capacitor at the SS pin determines the softstart
time, i.e. the time for the reference voltage at the regulation
comparator, and the output voltage, to reach their final value.
The time is determined from the following:
PC BOARD LAYOUT
The LM2695 regulation, over-voltage, and current limit com-
parators are very fast, and respond to short duration noise
pulses. Layout considerations are therefore critical for opti-
mum performance. The layout must be as neat and compact
as possible, and all of the components must be as close as
possible to their associated pins. The current loop formed by
D1, L1, C2 and the SGND and ISEN pins should be as small
as possible. The ground connection from C2 to C1 should be
as short and direct as possible.
If it is expected that the internal dissipation of the LM2695
will produce excessive junction temperatures during normal
operation, good use of the PC board’s ground plane can help
considerably to dissipate heat. The exposed pad on the
bottom of the IC package can be soldered to a ground plane,
and that plane should extend out from beneath the IC, and
be connected to ground plane on the board’s other side with
several vias, to help dissipate the heat. The exposed pad is
internally connected to the IC substrate. Additionally the use
of wide PC board traces, where possible, can help conduct
heat away from the IC. Judicious positioning of the PC board
within the end product, along with the use of any available air
flow (forced or natural convection) can help reduce the junc-
tion temperatures.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com