Electronic Components Datasheet Search
  English  ▼

X  

PLL520-80 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL520-80
Description  Low Phase Noise VCXO (9.5-65MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-80 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL520-80 Datasheet HTML 1Page - PhaseLink Corporation PLL520-80 Datasheet HTML 2Page - PhaseLink Corporation PLL520-80 Datasheet HTML 3Page - PhaseLink Corporation PLL520-80 Datasheet HTML 4Page - PhaseLink Corporation PLL520-80 Datasheet HTML 5Page - PhaseLink Corporation PLL520-80 Datasheet HTML 6Page - PhaseLink Corporation PLL520-80 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PLL520-80
Low Phase Noise VCXO (9.5-65MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 011/09/04 Page
6
PAD DESCRIPTIONS
Pad #
Name
X (
µm)
Y (
µm)
Description
1
GND
248
109
Ground.
2
GND
361
109
Ground.
3
Optional GND
473
109
Optional Ground.
4
GND
587
109
Ground.
5
GND
702
109
Ground.
6
Reserved
874
109
Reserved for future use.
7
GNDBUF
1042
109
Ground, buffer circuitry.
8
GNDBUF
1171
109
Ground, buffer circuitry.
9
OE_SEL
1400
125
This is the selector input to choose the OE control
logic. See the OE SELECTION AND ENABLE table
on page 1. Internal pull up.
10
LVDS
1400
259
LVDS output.
11
PECL
1400
476
PECL output.
12
VDDBUF
1400
616
3.3V power supply, buffer circuitry.
13
VDDBUF
1400
716
3.3V power supply, buffer circuitry.
14
PECLB
1400
871
Complementary PECL output.
15
LVDSB
1400
1089
Complementary LVDS output.
16
CMOS
1400
1227
CMOS output.
17
GNDBUF
1389
1365
Ground, buffer circuitry.
18
OUTSEL1
1232
1365
Selector input to choose the selected output type
(PECL, LVDS, CMOS). See the OUTPUT SELECTION
AND ENABLE table on page 1. Internal pull up.
19
Reserved
1042
1365
Reserved for future use.
20
Not connected
854
1365
Not Connected.
21
VDD
659
1365
3.3V power supply.
22
Optional VDD
559
1365
Optional 3.3V power supply.
23
VDD
459
1365
3.3V power supply.
24
VDD
358
1365
3.3V power supply.
25
OUTSEL0
194
1365
Selector input to choose the selected output type
(PECL, LVDS, CMOS). See the OUTPUT SELECTION
AND ENABLE table on page 1. Internal pull up.
26
XIN
109
1223
Crystal input. See Crystal Specifications on page 3.
27
XOUT
109
1017
Crystal output. See Crystal Specifications on page 3.
28
Not connected
109
858
Not Connected.
29
S2
109
646
Output Divide by Two selector pin, as presented on
the OUTPUT FREQUENCY SELECTOR Table on
page 1. Internal pull up.
30
OE_CTRL
109
397
Used to enable/disable the output(s). See Output
Selection and Enable table on page 1.
31
VCON
109
181
Voltage control input. 0V to 3.3V.
Note: for optimal Phase Noise performance, it is recommended to bond all optional VDD and GND pads.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com