Electronic Components Datasheet Search
  English  ▼

X  

AT25SF161 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT25SF161
Description  16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF161 Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT25SF161 Datasheet HTML 1Page - Dialog Semiconductor AT25SF161 Datasheet HTML 2Page - Dialog Semiconductor AT25SF161 Datasheet HTML 3Page - Dialog Semiconductor AT25SF161 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS-25SF161–046C–8/2017
High Temperature Operation (125
°C)
This data sheet addendum is to be used in conjunction with the existing AT25SF161
datasheet specifications. The Adesto AT25SF161 16Mbit Serial Flash devices will
operate @ 125°C with the following datasheet caveats. All other parameters will meet
the existing datasheet specifications.
The ordering code suffix (CAN# Code) 'HR' or ‘HT’ must be used to ensure correct
operation at this extended temperature range. Adesto will not modify and republish the
current datasheet to reflect the CAN# 'HR' ordering code or the above caveats.The
standard AT25SF161 datasheet is available at http://www.adestotech.com.
AT25SF161
16-Mbit, 2.5V Minimum
SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
DATASHEET (ADDENDUM)
1.
Electrical Specifications
1.2
DC Characteristics
1.1
DC and AC Operating Range
AT25SF161-xxxHR/HT
Operating Temperature
-40
C to +125C
Endurance (Maximum)
10,000 cycles
Retention (1)
1.
Represents typical value based on equivalent operation derived from Arrhenius calculations under post cycling high temperature conditions; not indicative of
performance at constant device operation life at 125°C.
10 years
Symbol
Parameter
Condition
2.5V to 3.6V
Units
Min
Typ
Max
IDPD
Deep Power-Down Current
CS, HOLD, WP = VIH
10 (1)
1.
Industrial temperature limit is 5µA.
µA
ISB
Standby Current
CS, HOLD, WP = VIH
35 (2)
2.
Industrial temperature limit is 25µA.
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com