Electronic Components Datasheet Search
  English  ▼

X  

AT25SF161 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # AT25SF161
Description  16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF161 Datasheet(HTML) 3 Page - Dialog Semiconductor

  AT25SF161 Datasheet HTML 1Page - Dialog Semiconductor AT25SF161 Datasheet HTML 2Page - Dialog Semiconductor AT25SF161 Datasheet HTML 3Page - Dialog Semiconductor AT25SF161 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.3
Program and Erase Characteristics
2.
Ordering Code
2.1
Ordering Code Detail
3. Revision History
Symbol
Parameter
2.5V to 3.6V
Min
Typ
Max
Units
tPP (1)
1. Maximum values indicate worst-case performance after 10,000 erase/program cycles.
Page Program Time (256 Bytes)
1.5
4
ms
tCHPE
(1)(2)
2. Not 100% tested (value guaranteed by design and characterization).
Chip Erase Time
12
25
sec
Ordering Code (1)
1. The shipping carrier option code is not marked on the devices.
Package
Operating Voltage
Max. Freq.
(MHz)
Operation Range
AT25SF161-SHDHR-T
8S2
2.5V to 3.6V
85MHz
Extended
(-40°C to +125°C)
AT25SF161-SHDHR-B
AT25SF161-SSHDHR-T
8S1
AT25SF161-SSHDHR-B
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.208" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
Revision Level – Release Date
History
A – November 2015
Initial release.
B – February 2016
Removed AT25SF161-DWF-HT product option.
C – August 2017
Updated corporate address information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com