Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321B Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321B Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button AT25SF321B Datasheet HTML 37Page - Dialog Semiconductor AT25SF321B Datasheet HTML 38Page - Dialog Semiconductor AT25SF321B Datasheet HTML 39Page - Dialog Semiconductor AT25SF321B Datasheet HTML 40Page - Dialog Semiconductor AT25SF321B Datasheet HTML 41Page - Dialog Semiconductor AT25SF321B Datasheet HTML 42Page - Dialog Semiconductor AT25SF321B Datasheet HTML 43Page - Dialog Semiconductor AT25SF321B Datasheet HTML 44Page - Dialog Semiconductor AT25SF321B Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
40
AT25SF321B
DS-AT25SF321B–179E–06-2020
.
11.3 Write Enable for Volatile Status Register (50h)
The non-volatile Status Register bits can be written to as volatile bits. During power up reset, the non-volatile
Status Register bits are copied to a volatile version of the Status Register that is used during device operation. This
gives more flexibility to change the system configuration and memory protection schemes quickly without waiting
for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits.
To write the volatile version of the Status Register bits, the Write Enable for Volatile Status Register (50h)
instruction must be issued prior to each Write Status Registers (01h) instruction. The Write Enable for Volatile
Status Register instruction does not set the Write Enable Latch bit. It is valid only for the next Write Status
Registers instruction, to change the volatile Status Register bit values.
Figure 11-4. Write Enable for Volatile Status Register
Table 11-5. Write Status Register 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
RDY/BSY
Table 11-6.Write Status Register 2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
E_SUS
CMP
LB3
LB2
LB1
P_SUS
QE
SRP1
Table 11-7.Write Status Register 3
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
DRV1
DRV0
Reserved
Reserved
Reserved
Reserved
Reserved
SCK
CS
SI
SO
MSB
23
1
0
01010000
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com