Electronic Components Datasheet Search
  English  ▼

X  

AT25SL641 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 15Page - Dialog Semiconductor AT25SL641 Datasheet HTML 16Page - Dialog Semiconductor AT25SL641 Datasheet HTML 17Page - Dialog Semiconductor AT25SL641 Datasheet HTML 18Page - Dialog Semiconductor AT25SL641 Datasheet HTML 19Page - Dialog Semiconductor AT25SL641 Datasheet HTML 20Page - Dialog Semiconductor AT25SL641 Datasheet HTML 21Page - Dialog Semiconductor AT25SL641 Datasheet HTML 22Page - Dialog Semiconductor AT25SL641 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
18
AT25SL641
DS-25SL641–113F–12/2018
8.
Quad Input/ Output Data
IO0 = (D4, D0S)
IO1 = (D5, D1S)
IO2 = (D6, D2S)
IO3 = (D7, D3S)
9.
Fast Read Quad I/O Data Output
IO0 = (x, x, x, x, D4, D0S)
IO1 = (x, x, x, x, D5, D1S)
IO2 = (x, x, x, x, D6, D2S)
IO3 = (x, x, x, x, D7, D3S)
10.
SC = security register
11.
The M7-M0 bits are counted as dummy clocks.
7.2
Write Enable (06h)
Write Enable instruction is for setting the Write Enable Latch (WEL) bit in the Status Register. The WEL bit must be set prior to
every Program, Erase and Write Status Register instruction. To enter the Write Enable instruction, CS goes low prior to the
instruction (06h) being driven onto the SI pin on the rising edge of SCK, and then driving CS high.
Figure 7-1.
Write Enable Instruction for SPI Mode (left) and QPI Mode (right)
7.3
Write Enable for Volatile Status Register (50h)
This i n s t r u c t i o n gives more flexibility to change the system configuration and memory protection schemes quickly
without waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-volatile
bits. To write the volatile values into the Status Register bits, the Write Enable for Volatile Status Register (50h)
instruction must be issued prior to a Write Status Register (01h) instruction.
The Write Enable for Volatile Status Register instruction (Figure 7-2) does not set the Write Enable Latch (WEL) bit.
Once Write Enable for Volatile Status Register is set, a Write Enable instruction should not have been issued prior to
setting Write Status Register instruction (01h or 31h). When the Write Enable for Volatile Status Register (50h) is
executed in QPI Mode, the SUS bit (S15) and Reserved bits (S13, S12, S11 and S10) of the Status Register-2 must be
driven to high after Write Status Register instruction (01h). Once the Read Status Register (05h or 31h) instruction is
issued, the read values of the SUS bit (S15) and Reserved bits (S13, S12, S11 and S10) of the Status Register-2 are
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com