Electronic Components Datasheet Search
  English  ▼

X  

SLG46855 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # SLG46855
Description  GreenPAK Programmable Mixed-Signal Matrix
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46855 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button SLG46855 Datasheet HTML 35Page - Dialog Semiconductor SLG46855 Datasheet HTML 36Page - Dialog Semiconductor SLG46855 Datasheet HTML 37Page - Dialog Semiconductor SLG46855 Datasheet HTML 38Page - Dialog Semiconductor SLG46855 Datasheet HTML 39Page - Dialog Semiconductor SLG46855 Datasheet HTML 40Page - Dialog Semiconductor SLG46855 Datasheet HTML 41Page - Dialog Semiconductor SLG46855 Datasheet HTML 42Page - Dialog Semiconductor SLG46855 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
Datasheet
23-Jul-2021
CFR0011-120-00
Revision 3.15
39 of 200
© 2021 Dialog Semiconductor
SLG46855
GreenPAK Programmable Mixed-Signal Matrix
6
Connection Matrix
The Connection Matrix in the SLG46855 is used to create the internal routing for internal functional macrocells of the device once
it is programmed. The registers are programmed from the one time programmable (OTP) NVM cell during Test Mode Operation.
The output of each functional macrocell within the SLG46855 has a specific digital bit code assigned to it that is either set to active
“High” or inactive “Low”, based on the design that is created. Once the 2048 register bits within the SLG46855 are programmed
a fully custom circuit will be created.
The Connection Matrix has 64 inputs and 96 outputs. Each of the 64 inputs to the Connection Matrix is hard-wired to the digital
output of a particular source macrocell, including IO pins, LUTs, analog comparators, other digital resources, such as VDD and
GND. The input to a digital macrocell uses a 6-bit register to select one of these 64 input lines.
For a complete list of the SLG46855’s register table, see Section 17.
Figure 13: Connection Matrix
Figure 14: Connection Matrix Example
GND
0
GPIO1 Digital In
1
GPIO2 Digital In
2
GPIO3 Digital In
3
Matrix Input Signal
Functions
N
nRST_core
62
VDD
63
N
Function
Registers
95
Matrix Out: Multi3_lut3_in2
registers [575:570]
0
Matrix OUT: IN0 of
LUT2_0 or Clock
Input of DFF0
registers [5:0]
1
Matrix OUT: IN1 of
LUT2_0 or Data
Input of DFF0
registers [11:6]
2
Matrix Out: IN0 of
LUT2_1 or Clock
Input of PGen
registers [17:12]
Matrix Inputs
Matrix Outputs
GPIO7
GPIO8
GPIO9
Connection Matrix
LUT
GPIO8
GPIO7
LUT
GPIO9
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com