Electronic Components Datasheet Search
  English  ▼

X  

SLG46880 Datasheet(PDF) 80 Page - Dialog Semiconductor

Part # SLG46880
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46880 Datasheet(HTML) 80 Page - Dialog Semiconductor

Back Button SLG46880 Datasheet HTML 76Page - Dialog Semiconductor SLG46880 Datasheet HTML 77Page - Dialog Semiconductor SLG46880 Datasheet HTML 78Page - Dialog Semiconductor SLG46880 Datasheet HTML 79Page - Dialog Semiconductor SLG46880 Datasheet HTML 80Page - Dialog Semiconductor SLG46880 Datasheet HTML 81Page - Dialog Semiconductor SLG46880 Datasheet HTML 82Page - Dialog Semiconductor SLG46880 Datasheet HTML 83Page - Dialog Semiconductor SLG46880 Datasheet HTML 84Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 353 page
background image
Datasheet
25-Feb-2021
CFR0011-120-00
Revision 3.12
80 of 353
© 2021 Dialog Semiconductor
SLG46880/81
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine and Dual Supply
7.6.3 One-Shot Mode CNT/DLY0 to CNT/DLY4
This macrocell will generate a pulse whenever a selected edge is detected on its input. Register bits set the edge selection. The
pulse width determines by counter data and clock selection properties. The output pulse polarity (non-inverted or inverted) is
selected by register bit. Any incoming edges will be ignored during the pulse width generation. The following diagram shows one-
shot function for non-inverted output.
Figure 44: Counter Mode Timing Diagram with Two DFFs Synced Up
Figure 45: One-Shot Function Timing Diagram
RESET_IN
CLK
Counter OUT
Count start in 0 CLK after reset
4 CLK period pulse
One-Shot/Freq. DET/Delay IN
One-Shot Function
Rising Edge Detection
One-Shot Function
Falling Edge Detection
One-Shot Function
Both Edge Detection
t
t
t
t
Delay time
Delay time
Delay time
Delay time
Delay time
Delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com