Electronic Components Datasheet Search
  English  ▼

X  

HMC630LP3 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC630LP3
Description  GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC630LP3 Datasheet(HTML) 3 Page - Analog Devices

  HMC630LP3 Datasheet HTML 1Page - Analog Devices HMC630LP3 Datasheet HTML 2Page - Analog Devices HMC630LP3 Datasheet HTML 3Page - Analog Devices HMC630LP3 Datasheet HTML 4Page - Analog Devices HMC630LP3 Datasheet HTML 5Page - Analog Devices HMC630LP3 Datasheet HTML 6Page - Analog Devices HMC630LP3 Datasheet HTML 7Page - Analog Devices HMC630LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
10 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Temperature
Output Noise vs. Temperature
Output Noise vs.
Phase Settings @ F= 900 MHz
Input P1dB vs. Temperature
Group Delay
Linear Gain vs. Phase Setting
HMC630LP3 / 630LP3E
v00.1007
GaAs HBT VECTOR
MODULATOR 700 - 1000 MHz
0
0.2
0.4
0.6
0.8
1
0
30
60
90
120
210
240
270
300
330
10
12
14
16
18
20
22
0.6
0.7
0.8
0.9
1
1.1
+25C
+85C
-40C
FREQUENCY (GHz)
-180
-178
-176
-174
-172
-170
-168
-166
-164
-162
-160
-158
-156
-154
-152
-150
0
45
90
135
180
225
270
315
360
PHASE SETTING (DEGREES)
-170
-168
-166
-164
-162
-160
0.7
0.8
0.9
1
+25C
+85C
-40C
FREQUENCY (GHz)
900
950
1000
1050
1100
1150
1200
1250
1300
0.6
0.7
0.8
0.9
1
1.1
FREQUENCY (GHz)
28
30
32
34
36
38
0.7
0.8
0.9
1
+25C
+85C
-40C
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com