Electronic Components Datasheet Search
  English  ▼

X  

HMC630LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC630LP3
Description  GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC630LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC630LP3 Datasheet HTML 1Page - Analog Devices HMC630LP3 Datasheet HTML 2Page - Analog Devices HMC630LP3 Datasheet HTML 3Page - Analog Devices HMC630LP3 Datasheet HTML 4Page - Analog Devices HMC630LP3 Datasheet HTML 5Page - Analog Devices HMC630LP3 Datasheet HTML 6Page - Analog Devices HMC630LP3 Datasheet HTML 7Page - Analog Devices HMC630LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10
10 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs HBT VECTOR
MODULATOR 700 - 1000 MHz
v00.1007
HMC630LP3 / 630LP3E
General Description
Features
Functional Diagram
The HMC630LP3 & HMC630LP3E are high dynamic
range Vector Modulator RFICs which are targeted
for RF predistortion and feed-forward cancellation
circuits, as well as RF beam forming and amplitude/
phase correction circuits. The I & Q ports of the
HMC630LP3(E) can be used to continuously vary
the phase and amplitude of RF signals by up to 360
degrees and 40 dB respectively, while supporting a
3 dB modulation bandwidth of 180 MHz. With an out-
put IP3 of +24.5 dBm and output noise floor of -162
dBm/Hz (at maximum gain setting), the output IP3/
noise floor ratio is 186.5 dB.
Continuous Phase Control: 360°
Continuous Gain Control: 40 dB
Low Output Noise Floor: -162 dBm/Hz
High Input IP3: +34 dBm
16 Lead 3x3mm SMT Package: 9mm2
Typical Applications
The HMC630LP3(E) is ideal for:
• Wireless Infrastructure HPA &
MCPA Error Correction
• Pre-Distortion or Feed-Forward Linearization
• Cellular / 3G Systems
• Beam Forming or RF Cancellation Circuits
Electrical Specifications, T
A = +25° C, Vcc= +8V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
0.7 - 1.0
GHz
Maximum Gain[1]
-12
-10
dB
Gain Variation Over Temperature
0.02
0.03
dB / °C
Gain Flatness Across Any 60 MHz Bandwidth
0.10
dB
Gain Range
40
dB
Input Return Loss
15
dB
Output Return Loss
17
dB
Input Power for 1dB Compression (P1dB)
14
17
dBm
Input Third Order Intercept (IP3)
34
dBm
Output Noise
-162
dBm/Hz
Control Port Bandwidth (-3 dB)
180
MHz
Control Port Impedance
1.45k
Ohms
Control Port Capacitance
0.22
pF
Control Voltage Range
+0.5 to +2.5
Vdc
Group Delay Variation Over 60 MHz Bandwidth
20
ps
Supply Current (Icq)
92
mA
Unless otherwise noted, measurements are made @ max. gain setting and 45˚ phase setting.
See application circuit for details.
[1]Includes loss of input balun (0.75 dB typ.).
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC630LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
HMC630LP3E HITTITE-HMC630LP3E Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
More results

Similar Description - HMC630LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
logo
Hittite Microwave Corpo...
HMC631LP3 HITTITE-HMC631LP3 Datasheet
284Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com