Electronic Components Datasheet Search
  English  ▼

X  

MAX11166 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11166
Description  Various Sample Sizes and Sample Rates
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11166 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11166 Datasheet HTML 1Page - Maxim Integrated Products MAX11166 Datasheet HTML 2Page - Maxim Integrated Products MAX11166 Datasheet HTML 3Page - Maxim Integrated Products MAX11166 Datasheet HTML 4Page - Maxim Integrated Products MAX11166 Datasheet HTML 5Page - Maxim Integrated Products MAX11166 Datasheet HTML 6Page - Maxim Integrated Products MAX11166 Datasheet HTML 7Page - Maxim Integrated Products MAX11166 Datasheet HTML 8Page - Maxim Integrated Products MAX11166 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Evaluates: MAX11166
MAX11166 Evaluation System
General Description
The MAX11166 evaluation system (EV system) includes
a mother board and daughter board to evaluate the
MAX11166 16-bit ADC. The EV system includes a simple
graphical user interface (GUI) for exercising the features
of the IC. This GUI is compatible with Windows XP®-,
Windows Vista®-, and Windows® 7. The EV system GUI
allows different sample sizes, adjustable sampling rates,
internal or external reference options, and graphing soft-
ware that includes the following representations of the
sampled signals: time domain, frequency domain, histo-
gram, and single conversion.
The EV system is made up of the MAXPRECADCMB
mother board with an on-board Altera FPGA and the
daughter board for evaluating the IC. The mother board
plugs into the PC through a high-speed USB link to send
SPI commands through the GUI. The mother board
accepts a 5V supply. The daughter board accepts ±15V
supplies.
The daughter board comes installed with a
MAX11166ETC+ in a 12-pin TDFN-EP package.
Features
● WindowsXP-,WindowsVista-,andWindows
7-Compatible Software
● High-SpeedUSBInterface
● VariousSampleSizesandSampleRates
● TimeDomain,FrequencyDomain,andHistogram
Plotting
● CollectsUpto1MegaSamples
● Frequency,RMS,MIN,MAX,andAverageDC
Calculations
● On-BoardVoltageReference
● 40MHzSPIInterface
● RoHSCompliant
● ProvenPCBLayout
● FullyAssembledandTested
19-6745; Rev 0; 6/13
Ordering Information appears at end of data sheet.
Windows, Windows XP, and Windows Vista are registered trade-
marks and registered service marks of Microsoft Corporation.
MAX11166 EV System Block Diagram
ANALOG
INPUTS
.
CNVST
DAUGHTER BOARD
(MAX11166DBEVKIT#)
LEVEL
TRANSLATORS
USB
PORT
REF
AMP #1
.
U3
ADC #2
U1
ADC #1
DOUT
DIN
SCLK
FPGA
MOTHER BOARD
(MAXPRECADCMB#)
AMP #2


Similar Part No. - MAX11166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11166 MAXIM-MAX11166 Datasheet
865Kb / 26P
500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11166ETC+T MAXIM-MAX11166ETC+T Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11166ETC+T MAXIM-MAX11166ETC+T Datasheet
1Mb / 28P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
More results

Similar Description - MAX11166

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
logo
List of Unclassifed Man...
AV2722 ETC-AV2722 Datasheet
273Kb / 29P
AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731SED WOLFSON-WM8731SED_13 Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
logo
Texas Instruments
ADC121S021CIMFX TI-ADC121S021CIMFX Datasheet
1Mb / 23P
Specified Over a Range of Sample Rates.
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
Sample and Hold
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
Selectable 32- to 192-kHz input sample rates
13-Feb-2014
logo
Maxim Integrated Produc...
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
Various Sample Sizes and Sample Rates
Rev 0; 3/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com