Electronic Components Datasheet Search
  English  ▼

X  

MAX11166 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11166
Description  Various Sample Sizes and Sample Rates
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11166 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11166 Datasheet HTML 1Page - Maxim Integrated Products MAX11166 Datasheet HTML 2Page - Maxim Integrated Products MAX11166 Datasheet HTML 3Page - Maxim Integrated Products MAX11166 Datasheet HTML 4Page - Maxim Integrated Products MAX11166 Datasheet HTML 5Page - Maxim Integrated Products MAX11166 Datasheet HTML 6Page - Maxim Integrated Products MAX11166 Datasheet HTML 7Page - Maxim Integrated Products MAX11166 Datasheet HTML 8Page - Maxim Integrated Products MAX11166 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Maxim Integrated │ 4
Evaluates: MAX11166
MAX11166 Evaluation System
www.maximintegrated.com
CS Mode (Single Channel)
The factory-default jumper settings have the ADCs on
the daughter board configured for CS mode, using the
MAX11166 (U1) only. In this configuration, the JU3 shunt
is in position 1-3, JU12 is in position 1-2, and JU13 is in
position1-2.ThemotherboardSPIMOSIdrivesU1DIN
throughJU3,thenU1DOUTdrivesthemotherboardSPI
MISOthroughJU5.U3isnotused.Inthesoftware,the
Device Configuration group Interface Mode Selection
must be set to
CS Mode.
Daisy-Chain Mode
To use the ADCs on the daughter board in daisy-chain
mode, move the shunts of JU3, JU12, and JU13 to the
1-2position.ThemotherboardSPIMOSIdrivesU3DIN,
and U3 DOUT drives U1 DIN through JU3. Then, U1
DOUTdrivesthemotherboardSPIMISOthroughJU5.In
the software, the
Device Configuration group Interface
Mode Selection must be set to Daisy-Chain Mode.
Multichannel Mode
To use the ADCs on the daughter board in multichan-
nel mode, move the shunts of JU3 to the 1-3 position,
and move the shunts of JU12 and JU13 to the 2-3
position. The mother board SPI MOSI drives U1 DIN
through JU3, then U1 DOUT drives the mother board
SPI MISO through JU5. The mother board SPI MOSI
drives U3 DIN directly, and U3 DOUT drives the
motherboardSPIMISOthroughJU12.U1andU3have
differentCONVSTsignalsinthismode,withU1CONVST
driven through JU6 from CONVST1, and U3 CONVST
driventhroughJU13fromCONVST2.Inthesoftware,the
Device Configuration group Interface Mode Selection
must be set to
Multichannel CS Mode.
Detailed Description of Hardware
The MAX11166 daughter board provides a proven layout
for the device. An external reference, level translators,
and SPI-interface pads are included on the daughter
board.
Reference
MeasureREFOUTatpin2ofJU5forallinternalreference
parts. Enter the value of the internal reference voltage into
the
Set Vref edit box in the software GUI.
For external reference parts, connect a reference
voltage to pin 2 of JU5. Measure and enter the value of
the external reference voltage into the
Set Vref edit box
of the software GUI.
User-Supplied SPI Interface
To use the daughter board with a user-supplied SPI inter-
face,firstmovetheshuntsofJU1–JU4tothe2-3position.
Next,applyyourown4.75Vto5.25Vpowersupplyatthe
VDDPCBpad.Lastly,connectyourCS,SCLK,andDIN
signals to the corresponding CS, SCLK, and DIN PCB
pads on the daughter board.
User-Supplied Power Supply
The daughter board is powered completely from the USB
port by default. Move the shunt of JU1 to the 2-3 position
to apply your own 4.75V to 5.25V power supply at the
VDD PCB pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com