| Electronic Components Datasheet Search |
|
MAX11040 Datasheet(PDF) 10 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX11040 Datasheet(HTML) 10 Page - Maxim Integrated Products |
|
10 / 31 page ![]() MAX11040 Evaluation Kit/Daughterboard 10 ______________________________________________________________________________________ JUMPER SHUNT POSITION DESCRIPTION WHEN TO USE THIS OPTION 1-2 Connects the AIN0- pin of the IC (U1) to the AGND pin for single-ended input signal measurement When the user wishes to make a single-ended signal measurement on AIN0+/AIN0- JU5 Open* Disconnects the AIN0- pin of the IC (U1) from the AGND pin When the user wishes to make a differential signal measurement on AIN0+/AIN0- 1-2 Connects the AIN1- pin of the IC (U1) to the AGND pin for single-ended input signal measurement When the user wishes to make a single-ended signal measurement on AIN1+/AIN1- JU6 Open* Disconnects the AIN1- pin of the IC (U1) from the AGND When the user wishes to make a differential signal measurement on AIN1+/AIN1- 1-2 Connects the DRDYOUT pin of the IC (U1) to the SYNC signal (GP5) of the controller When the user wishes to have the SYNC pin driven by DRDYOUT JU7 Open* Disconnects the DRDYOUT pin of the IC (U1) from the SYNC signal (GP5) of the controller When the user wishes to have the SYNC pin driven by the controller 1-2 Connects the CLKOUT pin of the IC (U1) to the CO_CLKOUT on the J2 connector Note: CO_CLKOUT carries the CLKOUT signal to the next cascaded daughterboard When the user wishes to carry the CLKOUT of U1 to the next cascaded board JU11 2-3* Connects the CI_XIN pin on the J1 connector to the CO_CLKOUT pin on the J2 connector Note: CI_XIN carries the CLKOUT signal from the previous cascaded board When the user wishes to carry the frequency from the previous cascaded board to the next cascaded board Table 2. Jumper Settings (Daughterboard) (continued) * Default position. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |