Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11040
Description  MAX11040 Evaluation Kit/Daughterboard
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11040 Datasheet HTML 1Page - Maxim Integrated Products MAX11040 Datasheet HTML 2Page - Maxim Integrated Products MAX11040 Datasheet HTML 3Page - Maxim Integrated Products MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MAX11040 Evaluation Kit/Daughterboard
2
_______________________________________________________________________________________
Component Lists (continued)
DESIGNATION
QTY
DESCRIPTION
C100
1
10µF ±10%, 6.3V X5R ceramic
capacitor (1206)
TDK C3216X5R0J106K
C105, C106
2
18pF ±5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H180J
D1, D3
2
Yellow LEDs (0603)
D2, D4
2
Red LEDs (0603)
D9
1
6.2V, 500mW zener MELF diode
Diodes, Inc. ZMM5234B-7
J1
1
USB type-B right-angle PC-
mount receptacle
J2
1
Dual-row, 14-pin header (2 x 7)
J3–J10
8
4-position terminal blocks
ED100/4DS
J12
1
Dual-row, right-angle male
header (2 x 7)
J13, J14
2
Dual-row, 20-pin headers (2 x 10)
JU1, JU2, JU6,
JU15–JU19
8
2-pin headers
JU3, JU20
2
3-pin headers
L1, L2
2
30
Ω SMT ferrite beads (0603)
L3–L6
4
220
Ω SMT ferrite beads (0805)
Murata BLM21PG221SN1D
R1, R2, R4–R8, R28,
R30, R49
0
Not installed, resistors (0603)
R3, R10, R11, R12
4
330
Ω ±5% resistors (0603)
R9
1
0
Ω ±5% resistor (0603)
R26, R27, R36, R37,
R38
5
10k
Ω ±5% resistors (0603)
R29, R31, R32, R33,
R50, R51
633
Ω ±5% resistors (0603)
R34
1
10
Ω ±5% resistor (0603)
R41, R42
2
27
Ω ±5% resistors (0603)
R43, R54, R55
3
1.5k
Ω ±1% resistors (0603)
R44
1
300k
Ω ±5% resistor (0603)
DESIGNATION
QTY
DESCRIPTION
R56
1
100k
Ω ±5% resistor (0603)
RN1–RN5
5
33
Ω, 8-pin/4-resistor SMT resistor
networks
Panasonic EXB-28V330JX
RN6
1
10k
Ω, 16-pin/8-resistor SMT
resistor network
Panasonic EXB-2HV103JV
RN7–RN11
5
33
Ω, 16-pin/8-resistor SMT resistor
networks
Panasonic EXB-2HV330JV
RN12
1
2.2k
Ω, 16-pin/8-resistor SMT
resistor network
Panasonic EXB-2HV222JV
RN13
1
1k
Ω, 8-pin/4-resistor SMT resistor
network
Panasonic EXB-28V102JX
S1
1
4-position, SMT half-pitch DIP
switch
S2
1
Pushbutton switch
U1, U2
2
4-channel ADC (38 TSSOP)
Maxim MAX11040GUU+
U3
1
D-flip flop
U7
1
LDO regulator (8 TDFN)
Maxim MAX1976AETA160+
U8
1
Controller
U9
1
256kword flash memory (48 TSOP)
U10
1
64Mb SDRAM (54 TSOP)
Micron Technology
MT48LC4M16A2P-75
U12, U13
2
2-input positive-OR gates (SOT32)
U14
0
Not installed (8 SO)
Y1
1
24.576MHz crystal, 18pF load
Y2
1
12MHz SMT crystal (6mm)
Y3
1
32.768kHz watch crystal, 12.5pF
cylindrical
Y4
0
Not installed, 24.576MHz crystal
—
9
Shunts
—1
USB high-speed A-to-B cables,
5ft (1.5m)
—1
PCB: MAX11040 EVALUATION KIT+
MAX11040 EV Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com