Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9934
Description  Fully Assembled and Tested
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9934 Datasheet HTML 1Page - Maxim Integrated Products MAX9934 Datasheet HTML 2Page - Maxim Integrated Products MAX9934 Datasheet HTML 3Page - Maxim Integrated Products MAX9934 Datasheet HTML 4Page - Maxim Integrated Products MAX9934 Datasheet HTML 5Page - Maxim Integrated Products MAX9934 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAX9934T Evaluation Kit
2_ _ _______________________________________________________________________________________
Quick Start
Required Equipment
U
MAX9934T EV kit
U
+2.5V to +3.6V, 100mA DC power supply for VCC
U
+5.5V, 2A DC power supply
U
2A electronic load
U
One digital voltmeter (DVM) with 10MI input imped-
ance
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Verify that jumpers JU1, JU2, and JU3 shunts are
in-stalled as follows:
JU1: Installed (OUT_REF PCB pad connected to
GND PCB pad)
JU2: Not installed (U1 output enabled)
JU3: Installed (U2 output disabled; high impedance)
2) Set the +2.5V to +3.6V, 100mA DC power-supply
voltage to +3.3V and disable the output.
3) Set the +5.5V, 2A DC power-supply voltage to +5V,
the current limit above 1A, and disable the output.
4) Set the electronic load to 1A and disable the output.
5) Connect the low-power DC power-supply positive
terminal to the VCC PCB pad and the negative ter-
minal to the nearby GND PCB pad.
6) Connect the 2A DC power-supply positive terminal
to the I_RS+ PCB pad and the negative terminal to
the GND PCB pad.
7) Connect the 2A electronic load positive terminal to
the I_RS- PCB pad and the negative terminal to the
GND PCB pad.
8) Set the DVM to measure voltage.
9) Connect the DVM positive terminal to the OUT PCB
pad and the negative terminal to the OUT_REF PCB
pad.
10) Enable the power supplies and the electronic load.
Any power sequence can be used without damage
to U1 or U2.
11) Verify that the DVM measures +2.5V.
Detailed Description of Hardware
The MAX9934T EV kit demonstrates the MAX9934T low-
voltage, precision, current-sense amplifier in a tiny 1mm
x 1.5mm, 3 x 2-bump UCSP package (U1) and an 8-pin
F
MAX package (U2). The EV kit can also be used to
evaluate the MAX9934F current-sense amplifier. Contact
the factory to obtain free samples. See the Evaluating the
MAX9934F section for more information.
The device’s precision inputs measure very small
sense voltages up to Q10mV full scale. The EV kit
features a precision, on-board, four-terminal surface-
mount sense resistor, R1 (10mI Q0.1%, Q15ppm/NC).
This enables measurement of bidirectional currents up to
1A connected across the EV kit’s I_RS+ and I_RS- PCB
pads. The input common-mode range is -0.1V to +5.5V
independent of VCC. The EV kit operates from a +2.5V
to +3.6V, 100mA DC power supply connected across the
VCC and GND PCB pads.
The device’s 25FA/mV fixed-gain output current cre-
ates an output voltage across the output-load resistor,
R2 (10kI Q0.1%), achieving a 250V/V gain. R2 can be
replaced with an appropriate surface-mount 0603 resis-
tor to achieve different output gains. The EV kit’s output
voltage can be measured across the OUT and OUT_REF
PCB pads. Connect a 1.65V reference voltage across
the OUT_REF and GND PCB pads. The device’s CS pin
allows users to multiplex several MAX9934T parts.
Surface-mount 0603 capacitors C5 (installed) and C6
(not installed) provide optional input filters.
Component Suppliers
Note: Indicate that you are using the MAX9934_ when contacting these component suppliers.
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Panasonic Corp.
800-344-2112
www.panasonic.com
Vishay
402-563-6866
www.vishay.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com