Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9934
Description  Fully Assembled and Tested
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9934 Datasheet HTML 1Page - Maxim Integrated Products MAX9934 Datasheet HTML 2Page - Maxim Integrated Products MAX9934 Datasheet HTML 3Page - Maxim Integrated Products MAX9934 Datasheet HTML 4Page - Maxim Integrated Products MAX9934 Datasheet HTML 5Page - Maxim Integrated Products MAX9934 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAX9934T Evaluation Kit
________________________________________________________________________________________ _ 3
Table_2._U2_CS_Pin_Logic_Input_(JU3)
Table_1._U1_CS_Pin_Logic_Input_(JU2)
Chip Select (CS)
Jumpers JU2 and JU3 enable or disable the respective
amplifier’s output by controlling the device’s CS pins
on U1 and U2, respectively. An external controller can
drive the U1 and U2 CS input pins using the EV kit’s
CS1(SIGN1) and CS2(SIGN2) PCB pads, respectively.
The CS pins are compatible with +1.8V through +3.3V
logic. Connect the external controller’s logic ground
return to a GND PCB pad and remove pullup resistors R3
and R4, if not needed. See Tables 1 and 2 for jumpers
JU2 and JU3 configuration.
Evaluating the MAX9934F
To evaluate the MAX9934F, replace U1 (3 x 2-bump
UCSP) or U2 (8-pin FMAX) with the appropriate version.
The device can be multiplexed with other MAX9934F
parts. See the Chip Select (CS) section for additional
information.
Output Measurements
The device provides a current output that can be
measured across the OUT and OUT_REF PCB pads.
Connect a 1.65V reference voltage across the OUT_REF
and GND PCB pads.
SHUNT_
POSITION
U1_CS_PIN_
CONNECTION
EV_KIT_FUNCTION
Not
installed
Pulled up to VCC
through R3
U1 output enabled
Installed
GND
U1 output disabled
(high impedance)
SHUNT_
POSITION
U2_CS_PIN_
CONNECTION
EV_KIT_FUNCTION
Not
installed
Pulled up to VCC
through R4
U2 output enabled
Installed
GND
U2 output disabled
(high impedance)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com