Electronic Components Datasheet Search
  English  ▼

X  

SLDN-06D1AX Datasheet(PDF) 30 Page - Bel Fuse Inc.

Part # SLDN-06D1AX
Description  3-14.4 VDC Input / 0.45 VDC 6 A Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-06D1AX Datasheet(HTML) 30 Page - Bel Fuse Inc.

Back Button SLDN-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 28Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 29Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 30Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 31Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 33Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 34Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
30
SLDN-06D1Ax
tech.support@psbel.com
The
SLDN-06D1Ax
module
can
provide
information
related
to
temperature
of
the
module
through
the
STATUS_TEMPERATURE command. The command returns information about whether the pre-set over temperature fault
threshold and/or the warning threshold have been exceeded.
Values within the supported range for over and undervoltage detection thresholds will be set to the nearest fixed
percentage. Note that the correct value for VOUT_SCALE_LOOP must be set in the module for the correct over or under
voltage trip points to be calculated.
In addition to adjustable output voltage protection, the 6A Digital module can also be programmed for the response to the
fault. The VOUT_OV_FAULT RESPONSE and VOUT_UV_FAULT_RESPONSE commands specify the response to the fault.
Both these commands use a single data byte with the possible options as shown below.
•
Continue operation without interruption (Bits [7:6] = 00, Bits [5:3] = xxx).
•
Continue for four switching cycles and then shut down if the fault is still present, followed by no restart or continuous
restart (Bits [7:6] = 01, Bits [5:3] = 000 means no restart, Bits [5:3] = 111 means continuous restart).
•
Immediate shut down followed by no restart or continuous restart (Bits [7:6] = 10, Bits [5:3] = 000 means no restart,
Bits [5:3] = 111 means continuous restart).
•
Module output is disabled when the fault is present and the output is enabled when the fault no longer exists (Bits
[7:6] = 11, Bits [5:3] = xxx).
Note: That separate response choices are possible for output over voltage or under voltage faults.
The SLDN-06D1Ax module allows adjustment of the input under voltage lockout and hysteresis. The command VIN_ON
allows setting the input voltage turn on threshold, while the VIN_OFF command sets the input voltage turn off threshold.
For the VIN_ON command, possible values are 2.75V, and 3V to 14V in 0.5V steps. For the VIN_OFF command, possible
values are 2.5V to 14V in 0.5V steps. If other values are entered for either command, they will be mapped to the closest of
the allowed values.
VIN_ON must be set higher than VINPOWER MANAGEMENT BUS _OFF. Attempting to write either VIN_ON lower than
VIN_OFF or VIN_OFF higher than VIN_ON results in the new value being rejected, SMBALERT being asserted along with
the CML bit in STATUS_BYTE and the invalid data bit in STATUS_CML.
Both the VIN_ON and VIN_OFF commands use the “Linear” format with two data bytes. The upper five bits represent the
exponent (fixed at -2) and the remaining 11 bits represent the mantissa. For the mantissa, the four most significant bits
are fixed at 0.
10
)
_
(
10
)
_
(
2
)
_
_
_
(
2
)
_
_
_
(
−
−
=
=
LIMIT
FAULT
UV
VOUT
V
LIMIT
FAULT
OV
VOUT
V
REQ
UV
OUT
REQ
OV
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com