Electronic Components Datasheet Search
  English  ▼

X  

SLDN-06D1AX Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # SLDN-06D1AX
Description  3-14.4 VDC Input / 0.45 VDC 6 A Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-06D1AX Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button SLDN-06D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 10Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
SLDN-06D1Ax
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. AE.01.19
AMBIENT TEMPERATURE, TA OC
AMBIENT TEMPERATURE, TA OC
Vo=0.6V
Vo=1.2V
AMBIENT TEMPERATURE, TA OC
AMBIENT TEMPERATURE, TA OC
Vo=1.8V
Vo=2.5V
AMBIENT TEMPERATURE, TA OC
AMBIENT TEMPERATURE, TA OC
Vo=3.3V
Vo=5.0V
1.0
2.0
3.0
4.0
5.0
6.0
75
80
85
90
95
100
105
2m/s
(400LFM)
NC
Standard Part
(85°C)
Ruggedized (D)
Part (105°C)
NC 100
300
200
400
NC
100
300
200
400
1.0
2.0
3.0
4.0
5.0
6.0
75
80
85
90
95
100
105
2m/s
(400LFM)
NC
Standard Part
(85°C)
Ruggedized (D)
Part (105°C)
NC
100
300
200
400
NC
100
300
200
400
1.0
2.0
3.0
4.0
5.0
6.0
75
80
85
90
95
100
105
2m/s
(400LFM)
NC
Standard Part
(85°C)
Ruggedized (D)
Part (105°C)
NC
100
300
200
400
NC
100
300
200
400
1.0
2.0
3.0
4.0
5.0
6.0
75
80
85
90
95
100
105
2m/s
(400LFM)
NC
Standard Part
(85°C)
NC
100
300
200
400
400
300
200
NC
100
Ruggedized (D)
Part (105°C)
1.0
2.0
3.0
4.0
5.0
6.0
75
80
85
90
95
100
105
2m/s
(400LFM)
NC
Standard
Part (85°C)
Ruggedized (D)
Part (105°C)
400
300
200
NC
100
400
300
200
NC
100
1.0
2.0
3.0
4.0
5.0
6.0
75
80
85
90
95
100
105
0.5m/s
(100LFM)
NC
Ruggedized (D)
Part (105°C)
Standard
Part (85°C)
NC
100
400
300
200
NC
100
300
200
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com