Electronic Components Datasheet Search
  English  ▼

X  

SM6S Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SM6S
Description  4600WTransient Voltage Suppressor (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM6S Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SM6S Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 4Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4600W Transient Voltage Suppressor (TVS)
Revision March 6, 2020
2 /5
@ SOCAY Electronics Corp., Ltd. 2020.
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM6S Series
10 To 36V
4600W
DO-218AB
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
(V)
μA@25℃
μA@TJ=175℃
min(V)
max(V)
mA
(V)
A
SM6S10AE
10.0
5
250
11.1
12.3
5
17.0
271
SM6S11AE
11.0
5
150
12.2
13.5
5
18.2
253
SM6S12AE
12.0
5
150
13.3
14.7
5
19.9
231
SM6S13AE
13.0
5
150
14.4
15.9
5
21.5
214
SM6S14AE
14.0
5
150
15.6
17.2
5
23.2
198
SM6S15AE
15.0
5
150
16.7
18.5
5
24.4
189
SM6S16AE
16.0
5
150
17.8
19.7
5
26.0
177
SM6S17AE
17.0
5
150
18.9
20.9
5
27.6
167
SM6S18AE
18.0
5
150
20.0
22.1
5
29.2
158
SM6S20AE
20.0
5
150
22.2
24.5
5
32.4
142
SM6S22AE
22.0
5
150
24.4
26.9
5
35.5
130
SM6S24AE
24.0
5
150
26.7
29.5
5
38.9
118
SM6S26AE
26.0
5
150
28.9
31.9
5
42.1
109
SM6S28AE
28.0
5
150
31.1
34.4
5
45.4
101
SM6S30AE
30.0
5
150
33.3
36.8
5
48.4
95
SM6S33AE
33.0
5
150
36.7
40.6
5
53.3
86
SM6S36AE
36.0
5
150
40.0
44.2
5
58.1
79
Note:
①. For all types maximumVF = 1.9 V atIF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum.
②. Surge waveform: 10/1000
μs
VR: Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC: Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:
Reverse Leakage Current
IT:
Test current
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com