Electronic Components Datasheet Search
  English  ▼

X  

SM6S Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SM6S
Description  4600WTransient Voltage Suppressor (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM6S Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SM6S Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 4Page - Socay Electornics Co., Ltd. SM6S Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4600W Transient Voltage Suppressor (TVS)
Revision March 6, 2020
5 /5
@ SOCAY Electronics Corp., Ltd. 2020.
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM6S Series
10 To 36V
4600W
DO-218AB
SOCAY Electronics Corp., Ltd.
www.socay.com
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.5
10.5
0.374
0.413
B
8.3
8.7
0.327
0.342
C
13.3
13.7
0.524
0.539
D
15.0
16.0
0.592
0.628
E
8.5
9.1
0.335
0.358
F
9.5
10.1
0.374
0.398
G
2.5
3.6
0.098
0.141
H
0.5
0.7
0.020
0.028
J
2.7
3.7
0.106
0.146
K
1.9
2.1
0.075
0.083
L
4.7
5.1
0.185
0.201
M
14.2
14.8
0.559
0.583
N
3.5
4.1
0.138
0.161
P
1.6
2.2
0.063
0.087
Ref.
Dimensions
Millimeters
Inches
A0
10.80
± 0.3
0.425
± 0.012
B0
16.13
± 0.3
0.635
± 0.012
C
330.0
± 0.3
13.0
± 0.012
D0
1.55
± 0.2
0.061
± 0.008
D1
1.55
± 0.2
0.061
± 0.008
E
1.75
± 0.2
0.069
± 0.008
E1
13.30
± 0.2
0.524
± 0.008
F
11.50
± 0.2
0.453
± 0.008
P0
4.00
± 0.2
0.157
± 0.008
P1
16.00
± 0.2
0.630
± 0.008
P2
2.00
± 0.2
0.079
± 0.008
W
24.00
± 0.2
0.945
± 0.008
W1
25.85
± 0.2
1.018
± 0.008
Part Number
Component Package
Quantity
Packaging Option
SM6S Series
DO-218AB
500 PCS
13" diameter plastic tape and reel,
anode towards the sprocket hole
DO-218AB Package Mechanical Data
DO-218AB Tape and Reel Specification
Ordering Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com