Electronic Components Datasheet Search
  English  ▼

X  

SM8S Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SM8S
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM8S Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SM8S Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 4Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision March 9, 2020
2 /5
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM8S Series
10 To 43V
6600W
DO-218AB
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
Workin
g Peak
Reverse
Voltage
VRWM
(V)
Breakdown
Voltage
VBR (V)
Test
Current
IT
(mA)
Maximum
Reverse
Leakage
IR @VRWM
(
µA)
Maximum
IR @VRWM
TJ=175℃
(
µA)
Maximum
Reverse
Surge
Current
IPP (A) ①
Maximu
m
Clampin
g Voltage
VC @IPP
(V)
Uni
Bi
Min.
Max.
SM8S10AD
SM8S10CAD
10.0
11.1
12.3
5.0
15
250
388
17.0
SM8S11AD
SM8S11CAD
11.0
12.2
13.5
5.0
10
150
363
18.2
SM8S12AD
SM8S12CAD
12.0
13.3
14.7
5.0
10
150
332
19.9
SM8S13AD
SM8S13CAD
13.0
14.4
15.9
5.0
10
150
307
21.5
SM8S14AD
SM8S14CAD
14.0
15.6
17.2
5.0
10
150
284
23.2
SM8S15AD
SM8S15CAD
15.0
16.7
18.5
5.0
10
150
270
24.4
SM8S16AD
SM8S16CAD
16.0
17.8
19.7
5.0
10
150
254
26.0
SM8S17AD
SM8S17CAD
17.0
18.9
20.9
5.0
10
150
239
27.6
SM8S18AD
SM8S18CAD
18.0
20.0
22.1
5.0
10
150
226
29.2
SM8S20AD
SM8S20CAD
20.0
22.2
24.5
5.0
10
150
204
32.4
SM8S22AD
SM8S22CAD
22.0
24.4
26.9
5.0
10
150
186
35.5
SM8S24AD
SM8S24CAD
24.0
26.7
29.5
5.0
10
150
170
38.9
SM8S26AD
SM8S26CAD
26.0
28.9
31.9
5.0
10
150
157
42.1
SM8S28AD
SM8S28CAD
28.0
31.1
34.4
5.0
10
150
145
45.4
SM8S30AD
SM8S30CAD
30.0
33.3
36.8
5.0
10
150
136
48.4
SM8S33AD
SM8S33CAD
33.0
36.7
40.6
5.0
10
150
124
53.3
SM8S36AD
SM8S36CAD
36.0
40.0
44.2
5.0
10
150
114
58.1
SM8S40AD
SM8S40CAD
40.0
44.4
49.1
5.0
10
150
102
64.5
SM8S43AD
SM8S43CAD
43.0
47.8
52.8
5.0
10
150
95.1
69.4
Notes:
1. Surge current waveform is defined at 10/1000
μS waveform.
2. For all types maximum VF = 1.8 V at IF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per
minute maximum.
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com