Electronic Components Datasheet Search
  English  ▼

X  

SM8S Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SM8S
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM8S Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SM8S Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 4Page - Socay Electornics Co., Ltd. SM8S Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision March 9, 2020
5 /5
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM8S Series
10 To 43V
6600W
DO-218AB
SOCAY Electronics Corp., Ltd.
www.socay.com
Recommended Mounting Pad Layout
Type Size
A (Max.)
B (Min.)
C
D (Min.)
N (Min.)
G (Max.)
T (Max.)
24 (0.945)
330
± 2.0
(13.0
± 0.079)
1.5 (0.059)
13.5
± 0.50
(0.53
± 0.02)
20.2 (0.795)
50 (1.97)
26.4 (1.039)
30.4 (1.197)
Package Outline Dimensions
(Unit: millimeters)
Surface Mount Tape and Reel Packaging
(Unit: millimeters(inches))



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com