Electronic Components Datasheet Search
  English  ▼

X  

MDT10P73 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MDT10P73
Description  This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P73 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MDT10P73 Datasheet HTML 13Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 14Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 15Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 16Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 17Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 18Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 19Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 20Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
MDT10P73
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 21
Ver. 1.1
7. Pull high resistor :
Vdd
5V
3V
Pull high
40
80
Unit = K Ohm
These parameters are for reference only.
8 MCLR filter time :
Vdd=5V
time
640
Unit = ns
These parameters are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com