Electronic Components Datasheet Search
  English  ▼

X  

MDT10P73 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MDT10P73
Description  This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P73 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MDT10P73 Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 11Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 12Page - List of Unclassifed Manufacturers MDT10P73 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MDT10P73
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 9
Ver. 1.1
(21) CCP1H : R16
Capture/Compare/PWM MSB
(22) CCP1CTL : R17
Bit
Symbol
Function
3~0
CCP1M3
~
CCP1M0
0 0 0 0 : CCP1 off
0 1 0 0 : Capture1 mode , every falling edge
0 1 0 1 : Capture1 mode , every rising edge
0 1 1 0 : Capture1 mode , every 4
th rising edge
0 1 1 1 : Capture1 mode , every 16
th rising edge
1 0 0 0 : Compare1 mode , set output on match
1 0 0 1 : Compare1 mode , clear output on match
1 0 1 0 : Compare1 mode , generate software interrupt on match
1 0 1 1 : Compare1 mode , trigger special event
1 1 x x : PWM1 mode
5~4
PWM1LSB
These bits are the two LSBs of the PWM1 duty cycle
7~6
--
Unimplemented
(23) RCSC : R18
Bit
Symbol
Function
0
RX9DF
9
th bit of received data
1
OERF
0 : No overrun error
1 : Overrun error
2
FERF
0 : No framing error
1 : Framing error
3
--
Unimplemented
4
CRENF
0 : Disable continuous receive
1 : Enable continuous receive
5
SRENF
0 : Disable single receive
1 : Enable single receive
6
RX9ENF
0 : Select 8-bit reception
1 : Select 9-bit reception
7
SPENF
0 : Serial port disable
1 : Serial port enable
(24) TXREG : R19
USART transmit register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com