Electronic Components Datasheet Search
  English  ▼

X  

BPW34SR Datasheet(PDF) 6 Page - OSRAM GmbH

Part # BPW34SR
Description  Rain Sensors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34SR Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button BPW34SR Datasheet HTML 2Page - OSRAM GmbH BPW34SR Datasheet HTML 3Page - OSRAM GmbH BPW34SR Datasheet HTML 4Page - OSRAM GmbH BPW34SR Datasheet HTML 5Page - OSRAM GmbH BPW34SR Datasheet HTML 6Page - OSRAM GmbH BPW34SR Datasheet HTML 7Page - OSRAM GmbH BPW34SR Datasheet HTML 8Page - OSRAM GmbH BPW34SR Datasheet HTML 9Page - OSRAM GmbH BPW34SR Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BPW 34 SR
6 Version 1.5 | 2020-01-08
Dark Current 2)
I
R = f (TA); E = 0; VR = 10 V
OHF05717
A
T
10-1
˚C
020406080
100
R
I
nA
100
101
102
103
104
Power Consumption
P
tot = f (TA)
T
OHF00394
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com