Electronic Components Datasheet Search
  English  ▼

X  

BPW34SR Datasheet(PDF) 5 Page - OSRAM GmbH

Part # BPW34SR
Description  Rain Sensors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34SR Datasheet(HTML) 5 Page - OSRAM GmbH

  BPW34SR Datasheet HTML 1Page - OSRAM GmbH BPW34SR Datasheet HTML 2Page - OSRAM GmbH BPW34SR Datasheet HTML 3Page - OSRAM GmbH BPW34SR Datasheet HTML 4Page - OSRAM GmbH BPW34SR Datasheet HTML 5Page - OSRAM GmbH BPW34SR Datasheet HTML 6Page - OSRAM GmbH BPW34SR Datasheet HTML 7Page - OSRAM GmbH BPW34SR Datasheet HTML 8Page - OSRAM GmbH BPW34SR Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
BPW 34 SR
5 Version 1.5 | 2020-01-08
Photocurrent/Open-Circuit Voltage 2), 3)
I
P (VR = 5 V) / VO = f (Ev)
E
OHF01066
V
0
10
P
Ι
-1
10
10 1
10 2
10 4
10 0
10 1
10 2
10 34
10
3
10
2
10
1
10
10 0
VO
µAmV
Ι P
VO
10 3 lx
Dark Current 2), 3)
I
R = f (VR); E = 0
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
Capacitance 2), 3)
C = f (V
R); f = 1MHz; E = 0; TA = 25°C
V
OHF00081
R
-2
10
C
0
-1
10
0
10
1
10
2
10
V
10
20
30
40
50
60
70
80
pF
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com