Electronic Components Datasheet Search
  English  ▼

X  

ICS149317 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS149317
Description  Clock Synthesizer for Portable Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS149317 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS149317 Datasheet HTML 3Page - Integrated Circuit Systems ICS149317 Datasheet HTML 4Page - Integrated Circuit Systems ICS149317 Datasheet HTML 5Page - Integrated Circuit Systems ICS149317 Datasheet HTML 6Page - Integrated Circuit Systems ICS149317 Datasheet HTML 7Page - Integrated Circuit Systems ICS149317 Datasheet HTML 8Page - Integrated Circuit Systems ICS149317 Datasheet HTML 9Page - Integrated Circuit Systems ICS149317 Datasheet HTML 10Page - Integrated Circuit Systems ICS149317 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
11
Revision 101005
Integr ated Circuit System s
● 525 Ra ce Stree t, Sa n Jose, CA 951 26 ● te l (4 08) 297 -1201 ● www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
Package Outline and Package Dimensions (20-pin QFN)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Millimeters
Symbol
Min
Max
A
0.80
1.00
A1
0
0.05
A3
0.20 Reference
b
0.18
0.30
e
0.50 BASIC
N20
ND
5
NE
5
D x E BASIC
4.00 x 4.00
D2
1.95
2.25
E2
1.95
2.25
L
0.45
0.75
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS1493K-17LF
see page 10
Tubes
20-pin QFN
-10 to +80
°C
ICS1493K-17LFT
Tape and Reel
20-pin QFN
-10 to +80
°C
Anvil
Singulation
-- or --
Sawn
Singulation
1
2
N
E
D
Index Area
Top View
Seating Plane
A3
A1
C
A
L
E2
E2
2
D2
D2
2
e
C
0.08
(Ref)
N
D & NE
Odd
(Ref)
N
D & NE
Even
(N
D-1)x
(Ref)
e
N
1
2
b
Thermal Base
(Typ)
If N
D & NE
are Even
(N
E-1)x
(Ref)
e
e
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com