Electronic Components Datasheet Search
  English  ▼

X  

DA9073 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9073
Description  Ultra-Low Quiescent Current PMIC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9073 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9073 Datasheet HTML 9Page - Dialog Semiconductor DA9073 Datasheet HTML 10Page - Dialog Semiconductor DA9073 Datasheet HTML 11Page - Dialog Semiconductor DA9073 Datasheet HTML 12Page - Dialog Semiconductor DA9073 Datasheet HTML 13Page - Dialog Semiconductor DA9073 Datasheet HTML 14Page - Dialog Semiconductor DA9073 Datasheet HTML 15Page - Dialog Semiconductor DA9073 Datasheet HTML 16Page - Dialog Semiconductor DA9073 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
DA9073
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.3
13-Oct-2020
13 of 130
© 2020 Dialog Semiconductor
3
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
TS
Storage temperature
-65
150
°C
VPWR
VDD_PWR
1V/ µsec max slew rate
-0.3
22
V
VBAT
VBAT, VBAT_SNS
-0.3
6
V
VSYS
VDD_SYS, VDD_BUCK,
SW_BUCK, VDD_BST,
VDD_LDOx, VTEMP
-0.3
6
V
VIO
VDDIO and all IO pins
(unless otherwise stated)
Note 1
-0.3
6
V
VBST
SW_BST, VOUT_BST,
FB_BST
-0.3
22
V
Note 1
VDDIO and IO voltages must be less than the higher of VBAT or VDD_PWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com