Electronic Components Datasheet Search
  English  ▼

X  

DA9073 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9073
Description  Ultra-Low Quiescent Current PMIC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9073 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9073 Datasheet HTML 33Page - Dialog Semiconductor DA9073 Datasheet HTML 34Page - Dialog Semiconductor DA9073 Datasheet HTML 35Page - Dialog Semiconductor DA9073 Datasheet HTML 36Page - Dialog Semiconductor DA9073 Datasheet HTML 37Page - Dialog Semiconductor DA9073 Datasheet HTML 38Page - Dialog Semiconductor DA9073 Datasheet HTML 39Page - Dialog Semiconductor DA9073 Datasheet HTML 40Page - Dialog Semiconductor DA9073 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
DA9073
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.3
13-Oct-2020
37 of 130
© 2020 Dialog Semiconductor
9.2
Battery-Powered Operation
When the power source is unplugged (VDD_PWR < UVLO ), the DA9073 is battery-powered
provided that VBAT exceeds VBAT_UVLO (register 0x0E) In this condition, the device will be in one
of three modes: Ship mode, Active battery mode, or High Impedance mode (Hi-Z).
9.2.1
Ship Mode
Ship mode is an ultra-low leakage standby state that minimizes battery depletion while the product
sits on the shelf. Typical battery current in ship mode is 5nA.
There are two methods to enter Ship mode:
1. By Register Write
a. VDD_PWR disconnected
b. MODE pin high
c. Enter Ship mode by setting EN_SHIPMODE bit high: 0x0D [0] = 1
d. The IC enters Ship mode immediately
(If VDD_PWR is plugged in, Ship mode entry is delayed until power is removed)
2. By Pushbutton Timer pin, RIN_N
a. VDD_PWR disconnected
b. MODE pin high
c. Enable RIN_N control of ship mode: 0x10 [1:0] = 0x01
d. Pull RIN_N low for longer than the reset period: RIN_N_PER_RST (0x10 [7:6])
e. The IC enters Ship mode when RIN_N is released (internally pulled up)
To exit Ship mode, apply VDD_PWR or toggle RIN_N low for longer than 50msec. Upon waking from
Ship mode, all pre-programmed OTP values are loaded.
9.2.2
Active Battery and High Impedance Modes
Under battery power there are two modes of operation, controlled by the MODE pin. A rising edge on
MODE puts the DA9073 in Active Battery mode. In this mode, all functions are active.
Conversely, a falling edge on MODE puts the DA9073 into Hi-Z mode, intended to be used during
system standby states with low power consumption. In this mode, the following communication
functions are placed in a high impedance mode to reduce leakage from the battery: I2C interface, the
SYS_FLT and PWR_FLT status outputs, and watchdog timer (WD).
All other functions and outputs remain active, with the exception of TSD.
Caution: The Thermal Shutdown function is not active in Hi-Z mode. Hi-Z mode should not be used in
high power dissipation or heavy load conditions.
Hi-Z mode can also be entered by setting the HZ_MODE bit to 1 (0x0D [1]); or by using RIN_N
pushbutton by setting 0x10 [1:0] to 2 and pulling RIN_N low for more than the RIN_N reset time
(0x10 [7:6]).
The DA9073 exits Hi-Z mode at a MODE pin rising edge or when VDD_PWR is applied. When
VDD_PWR is removed, the part will enter Active Battery mode regardless of the MODE pin state.
The behavior of the MODE pin depends on whether VDD_PWR is connected, shown in Table 21.
The MODE pin is internally pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com