Electronic Components Datasheet Search
  English  ▼

X  

ICS275 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS275
Description  Triple PLL Field Programmable VCXO Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS275 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS275 Datasheet HTML 1Page - Integrated Circuit Systems ICS275 Datasheet HTML 2Page - Integrated Circuit Systems ICS275 Datasheet HTML 3Page - Integrated Circuit Systems ICS275 Datasheet HTML 4Page - Integrated Circuit Systems ICS275 Datasheet HTML 5Page - Integrated Circuit Systems ICS275 Datasheet HTML 6Page - Integrated Circuit Systems ICS275 Datasheet HTML 7Page - Integrated Circuit Systems ICS275 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Triple PLL Field Programmable VCXO Clock Synthesizer
MDS 275 B
6
Revision 040805
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS275
PRELIMINARY INFORMATION
Note 1: Example with 25 MHz crystal input with four outputs of 33.3 MHz, no load, and VDD = 3.3 V.
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: External crystal device must conform with Pullable Crystal Specifications listed on page 3.
Note 2: Measured with 15 pF load.
Note 3: Duty Cycle is configuration dependent. Most configurations are min 45% / max 55%.
Internal Pull-up Resistor
RPUS
S2:S0, PDTS
190
k
Ω
Internal Pull-down Resistor
RPD
CLK outputs
120
k
Ω
Input Capacitance
CIN
Inputs
4
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
5
27
MHz
Output Frequency
0.314
200
MHz
Crystal Pullability
FP
0V< VIN < 3.3 V, Note 1,
Config. Dependent
100
ppm
VCXO Gain
VIN = VDD/2 + 1 V,
Note 1, Config.
Dependent
110
ppm/V
Output Rise/Fall Time
tOF
80% to 20%, high drive,
Note 2
1.0
ns
Output Rise/Fall Time
tOF
80% to 20%, low drive,
Note 2
2.0
ns
Duty Cycle
Note 3
40
49-51
60
%
Power-up time
PLL lock-time from
power-up
410
ms
PDTS goes high until
stable CLK output
0.6
2
ms
One Sigma Clock Period Jitter
Configuration Dependent
50
ps
Maximum Absolute Jitter
tja
Deviation from Mean.
Configuration Dependent
+200
ps
Pin-to-Pin Skew
Low Skew Outputs
-250
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com