Electronic Components Datasheet Search
  English  ▼

X  

ICS275 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS275
Description  Triple PLL Field Programmable VCXO Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS275 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS275 Datasheet HTML 1Page - Integrated Circuit Systems ICS275 Datasheet HTML 2Page - Integrated Circuit Systems ICS275 Datasheet HTML 3Page - Integrated Circuit Systems ICS275 Datasheet HTML 4Page - Integrated Circuit Systems ICS275 Datasheet HTML 5Page - Integrated Circuit Systems ICS275 Datasheet HTML 6Page - Integrated Circuit Systems ICS275 Datasheet HTML 7Page - Integrated Circuit Systems ICS275 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Triple PLL Field Programmable VCXO Clock Synthesizer
MDS 275 B
7
Revision 040805
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS275
PRELIMINARY INFORMATION
Thermal Characteristics
Marking Diagrams
Marking Diagrams (Pb free)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. “I” denotes industrial temp. range (if applicable).
4. “L” denotes Pb (lead) free package.
5. Bottom marking: country of origin.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W
1
8
9
16
275PG
######
YYWW
1
8
9
16
275PGI
######
YYWW
1
8
9
16
275PGL
######
YYWW
1
8
9
16
275PGIL
######
YYWW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com