Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307-03 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS307-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 9Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 10Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 11Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-03 C
9
Revision 101705
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-03
Programming Interface
The dynamic register within the ICS307-03 controls the entire device and may be reprogrammed any time
after power is properly applied. If V or R values are changed, the frequency will transition smoothly to the
new value without glitches or short cycles. However, changing any divider or mux in the output signal path
may generate a glitch.
The register is 132 bits in length and accepts the MSB first. The SCLK signal latches the current data bit
value in the rising edge of It latches the most recently shifted 132 bit values into the control register of
device whenever CS is high. Care must be taken to ensure that CS is always low until the system is ready
to load in a new register value and that SCLK is never toggled high when CS is high.
The register can be programmed any time after power is applied, even while in power-down (pin 15 or bit
112 held low) with the waveform and timing shown below:.
Figure 2: ICS307-03 Programming Timing Diagram
Table 8: AC Parameters for Programming the ICS307-03
Programming with VersaClock Software
The VersaClock II Software not only generates the programming word for the user, it can also be used to program
the device via the host computer’s parallel port. Demonstration boards are available from ICS that allows the
VersaClock II S/W to directly connect the ICS307-03 to a Windows based PC’s DB-25 parallel port connector and
programmed simply by pressing the “Program Part” button.
Contact ics-mk@icst.com for more details.
Parameter
Condition
Min.
Max.
Units
tSETUP
Setup time
2.5
ns
tHOLD
Hold time after SCLK
2.5
ns
tW
Data wait time
2.5
ns
tS
Strobe pulse width
10
ns
SCLK Frequency
200
MHz
128
129
130
131
10
t
hold
t
setup
2
SCLK
CS
t
s
t
w
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com