Electronic Components Datasheet Search
  English  ▼

X  

ICS307-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS307-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS307-03 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICS307-03
MDS 307-03 C
1
Revision 101705
Integrat ed Circuit Systems ● 5 25 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
SERIALLY PROGRAMMABLE CLOCK SOURCE
Description
The ICS307-03 is a dynamic, serially programmable
clock source which is flexible and takes up minimal
board space. Output frequencies are programmed via
a 3-wire SPI port.
An advanced PLL coupled to an array of configurable
output dividers and three outputs allows low-jitter
generation of frequencies from 200 Hz to 270 MHz.
The device can be reprogrammed during operation,
making it ideal for applications where many different
frequencies are required, or where the output
frequency must be determined at run time. Glitch-free
frequency transitions, where the clock period changes
slightly over many cycles, are possible.
Features
• Crystal or clock reference input
• 3.3 V CMOS outputs
• Three outputs can be individually configured or shut
off
• Small 16-pin TSSOP package
• Reprogrammable during operation
• 3-wire SPI serial interface
• Glitch-free output frequency switching
• User selectable charge pump current and damping
resistor
• Power-down control via hardware pin or software
control bit
• Programming word can be generated by ICS
VersaClock II Software
• Directly programmable via VersaClock II Software
and a Windows PC parallel port
• Available in Pb (lead) free package
Block Diagram
REF Divide
1-2055
VCO DIVIDE
12-2055
Resistor
(Table 4)
Charge Pump
(Table 3)
(Table 2)
(Table 5)
CLK1
[Bit 110]
[Bit 123]
[Bit 124]
[Bit 129]
[Bit 111]
CLK2
CLK3
(Table 7)
Divider
2 - 8232
(Table 1)
X1
X2
[Bit 122]
Divider
2 - 34
Divider
2 - 34
(Table 6)
1
0
1
0
11pF
300
pF
CP
Programming
Register
(132 bits)
DIN
CS
SCLK


Similar Part No. - ICS307-03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
More results

Similar Description - ICS307-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com