Electronic Components Datasheet Search
  English  ▼

X  

MPC866 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC866
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC866 Datasheet HTML 4Page - NXP Semiconductors MPC866 Datasheet HTML 5Page - NXP Semiconductors MPC866 Datasheet HTML 6Page - NXP Semiconductors MPC866 Datasheet HTML 7Page - NXP Semiconductors MPC866 Datasheet HTML 8Page - NXP Semiconductors MPC866 Datasheet HTML 9Page - NXP Semiconductors MPC866 Datasheet HTML 10Page - NXP Semiconductors MPC866 Datasheet HTML 11Page - NXP Semiconductors MPC866 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
8
Freescale Semiconductor
Maximum Tolerated Ratings
3
Maximum Tolerated Ratings
This section provides the maximum tolerated voltage and temperature ranges for the MPC866/859. Table 2 shows
the maximum tolerated ratings, and Table 3 shows the operating temperatures.
Table 3. Operating Temperatures
This device contains circuitry protecting against damage due to high-static voltage or electrical fields; however, it
is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages
to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic
voltage level (for example, either GND or VDD).
Table 2. Maximum Tolerated Ratings
Rating
Symbol
Value
Unit
Supply voltage 1
1
The power supply of the device must start its ramp from 0.0 V.
VDDH
– 0.3 to 4.0
V
VDDL
– 0.3 to 2.0
V
VDDSYN
– 0.3 to 2.0
V
Difference between VDDL to VDDSYN
100
mV
Input voltage 2
2
Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device. See page 15.
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than VDDH. This restriction applies to
power-up and normal operation (that is, if the MPC866/859 is unpowered, a voltage greater than 2.5 V must not be
applied to its inputs).
Vin
GND – 0.3 to VDDH
V
Storage temperature range
Tstg
–55 to +150
°C
Rating
Symbol
Value
Unit
Temperature 1 (standard)
1
Minimum temperatures are guaranteed as ambient temperature, TA. Maximum temperatures are guaranteed as
junction temperature, Tj.
TA(min)
0°C
Tj(max)
95
°C
Temperature (extended)
TA(min)
–40
°C
Tj(max)
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com