Electronic Components Datasheet Search
  English  ▼

X  

ICS525-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS525-03
Description  PECL Input OSCaR-TM USER Configurable Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS525-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PECL Input OSCaR™ User Configurable Clock
MDS 525-03 H
2
Revision 010906
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS525-03
Pin Assignment
RES Value Table
Output Divider and Maximum Output Frequency Table
Note: 0 = connect directly to ground; 1 = connect directly to VDD.
18
7
17
8
16
9
15
PECL
10
11
GND
12
CLK1
13
V0
14
V1
GND
RES
V8
V2
V7
V5
V3
V6
22
21
20
19
V4
CLK2
5
6
S2
VDD
VDD
24
23
R0
3
4
S0
S1
R1
26
25
R2
1
2
R5
R6
R3
28
27
R4
28-pin SSOP
PECLIN
RES
CLK1
CLK2
Pre-divide (P)
0
CMOS
CMOS
2
1.1 k
Ω Resistor
to VDD
PECL
PECL
1
S0
S1
S2
CLK
Max. Output Frequency (MHz)
pin 5
pin 4
pin 3
Output Divider
(OD)
VDD = 5 V
VDD = 3.3 V
RES = 0
RES = 1.1 k
Ω
RES = 0
RES = 1.1 k
Ω
0
0
0
6
67
34
40
20
0
0
1
2
200
100
120
60
0
1
0
8
50
25
30
15
0
1
1
4
100
50
60
30
1
0
0
5
80
40
48
24
1
0
1
7
57
29
34
17
1
1
0
1
250
200
200
125
1
1
1
3
133
80
80
40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com