Electronic Components Datasheet Search
  English  ▼

X  

SFH2711 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH2711
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2711 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH2711 Datasheet HTML 1Page - OSRAM GmbH SFH2711 Datasheet HTML 2Page - OSRAM GmbH SFH2711 Datasheet HTML 3Page - OSRAM GmbH SFH2711 Datasheet HTML 4Page - OSRAM GmbH SFH2711 Datasheet HTML 5Page - OSRAM GmbH SFH2711 Datasheet HTML 6Page - OSRAM GmbH SFH2711 Datasheet HTML 7Page - OSRAM GmbH SFH2711 Datasheet HTML 8Page - OSRAM GmbH SFH2711 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SFH 2711
3 Version 1.1 | 2020-09-21
Characteristics
T
A = 25 °C
Parameter
Symbol
Values
Spectral sensitivity
V
R = 5 V; Std. Light A; T = 2856 K
S
typ.
0.115 nA/lx
Wavelength of max sensitivity
λ
S max
typ.
580 nm
Spectral range of sensitivity
λ
10%
typ.
470 ... 670 nm
Radiant sensitive area
A
typ.
0.35 mm²
Dimensions of active chip area
L x W
typ.
0.59 x 0.59
mm x mm
Half angle
φ
typ.
55 °
Dark current
V
R = 5 V
I
R
typ.
max.
0.01 nA
5 nA
Open-circuit voltage
E
v = 1000 lx; Std. Light A
V
O
min.
typ.
300 mV
377 mV
Short-circuit current
E
v = 1000 lx; Std. Light A
I
SC
typ.
0.115 µA
Rise time
V
R = 5 V, RL = 50 Ohm, λ = 530nm
t
r
typ.
0.06 µs
Fall time
V
R = 5 V, RL = 50 Ohm, λ = 530nm
t
f
typ.
0.06 µs
Forward voltage
I
F = 5 mA; E = 0
V
F
typ.
0.70 V
Capacitance
V
R = 0 V; f = 1 MHz; E = 0
C
0
typ.
28 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com