Electronic Components Datasheet Search
  English  ▼

X  

SFH2711 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH2711
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2711 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH2711 Datasheet HTML 1Page - OSRAM GmbH SFH2711 Datasheet HTML 2Page - OSRAM GmbH SFH2711 Datasheet HTML 3Page - OSRAM GmbH SFH2711 Datasheet HTML 4Page - OSRAM GmbH SFH2711 Datasheet HTML 5Page - OSRAM GmbH SFH2711 Datasheet HTML 6Page - OSRAM GmbH SFH2711 Datasheet HTML 7Page - OSRAM GmbH SFH2711 Datasheet HTML 8Page - OSRAM GmbH SFH2711 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SFH 2711
5 Version 1.1 | 2020-09-21
Dark Current 2), 3)
I
R = f (VR); E = 0
0
2
4
6
8 10 12 14 16
[ ]
2
3
4
5
10
20
[ ]
Capacitance 2), 3)
C = f (V
R); f = 1MHz; E = 0; TA = 25°C
10-3
0.01
0.1
1
10
[ ]
10
15
20
25
30
[ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com