Electronic Components Datasheet Search
  English  ▼

X  

MAX86150 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX86150
Description  Integrated Photoplethysmogram and Electrocardiogram Bio-Sensor Module For Mobile Health
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86150 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX86150 Datasheet HTML 17Page - Maxim Integrated Products MAX86150 Datasheet HTML 18Page - Maxim Integrated Products MAX86150 Datasheet HTML 19Page - Maxim Integrated Products MAX86150 Datasheet HTML 20Page - Maxim Integrated Products MAX86150 Datasheet HTML 21Page - Maxim Integrated Products MAX86150 Datasheet HTML 22Page - Maxim Integrated Products MAX86150 Datasheet HTML 23Page - Maxim Integrated Products MAX86150 Datasheet HTML 24Page - Maxim Integrated Products MAX86150 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Interrupt Enable 1 (0x02)
BIT
7
6
5
4
3
2
1
0
Field
A_FULL_EN PPG_RDY_
EN
ALC_OVF_
EN
PROX_INT_
EN
—
—
—
—
Reset
0x0
0x0
0x0
0x0
—
—
—
—
Access Type Write, Read Write, Read Write, Read Write, Read
—
—
—
—
A_FULL_EN: FIFO Almost Full Flag Enable
VALUE
ENUMERATION
DECODE
0
OFF
A_FULL interrupt is disabled
1
ON
A_FULL interrupt is enabled
PPG_RDY_EN: New PPG FIFO Data Ready Interrupt enable
VALUE
ENUMERATION
DECODE
0
OFF
PPG_RDY interrupt is disabled
1
ON
PPG_RDY interrupt is enabled.
ALC_OVF_EN: Ambient Light Cancellation (ALC) Overflow Interrupt Enable
The ALC_OVF flag is triggered when the ambient light cancellation function has reached its maximum limit due to over-
flow. At this point, the ADC output is affected by the ambient light.
VALUE
ENUMERATION
DECODE
0
OFF
ALC_OVF interrupt is disabled
1
ON
ALC_OVF interrupt is enabled
PROX_INT_EN: Proximity Interrupt Enable
When the FIFO Data Control Register is configured to initiate PPG measurement, the IR LED is turned on in proximity
mode with a drive current set by the PILOT_PA register. When an object is detected by exceeding the IR ADC count
threshold (set in the PROX_INT_ THRESH register), PROX_INT interrupt is asserted and the part transitions to the
normal SpO2/HR mode.
VALUE
ENUMERATION
DECODE
0
OFF
PROX_INT interrupt is disabled
1
ON
PROX_INT interrupt is enabled
www.maximintegrated.com
Maxim Integrated │ 21
MAX86150
Integrated Photoplethysmogram and
Electrocardiogram Bio-Sensor Module For
Mobile Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com