Electronic Components Datasheet Search
  English  ▼

X  

MAX77813 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77813
Description  Accessible Test Points for EN, POK, and ILIM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77813 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77813 Datasheet HTML 1Page - Maxim Integrated Products MAX77813 Datasheet HTML 2Page - Maxim Integrated Products MAX77813 Datasheet HTML 3Page - Maxim Integrated Products MAX77813 Datasheet HTML 4Page - Maxim Integrated Products MAX77813 Datasheet HTML 5Page - Maxim Integrated Products MAX77813 Datasheet HTML 6Page - Maxim Integrated Products MAX77813 Datasheet HTML 7Page - Maxim Integrated Products MAX77813 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluates: MAX77813
MAX77813 Evaluation Kit
General Description
This evaluation kit (EV kit) provides a proven design to
evaluate the MAX77813, a 2A buck-boost converter.
Input voltage range is between 2.3V and 5.5V and output
voltage range is from 2.6V to 5.14V. The factory default
output voltage of this EV kit is set at 3.3V. Output voltage
can be adjusted through the MINIQUSB interface board.
The board enables communication with Windows®-
compatible software to emulate an I2C interface.
Benefits and Features
● Proven PCB Reference Design and Layout
● Fully Assembled and Tested
● Accessible Test Points for EN, POK, and ILIM
● MINIQUSB Interface Board and User-Friendly GUI
for Full Control
319-100292; Rev 0; 12/18
Ordering Information appears at end of data sheet.
Windows is a registered trademark and registered service mark
of Microsoft Corporation.
Figure 1. MAX77813 Evaluation Board
Figure 2. MINIQUSB Board
INPUT
SENSE PINS
MAX77813
SOLUTION
OUTPUT
SENSE PINS
Click
here for production status of specific part numbers.


Similar Part No. - MAX77813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77813EWP+T MAXIM-MAX77813EWP+T Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77813EWP33+T MAXIM-MAX77813EWP33+T Datasheet
1Mb / 30P
5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
More results

Similar Description - MAX77813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014 ETC2-5014 Datasheet
462Kb / 1P
THM TEST POINTS
logo
Recom International Pow...
RV-R RECOM-RV-R Datasheet
112Kb / 4P
EN-61010 for Test, Measurement and Lab Use
RXXP2XX-R RECOM-RXXP2XX-R Datasheet
124Kb / 4P
EN-61010 for Test, Measurement and Lab Use
logo
Maxim Integrated Produc...
DS28C16EVKIT MAXIM-DS28C16EVKIT Datasheet
1Mb / 7P
Convenient On-Board Test Points and TDFN Socket
Rev 0; 4/20
DS2488EVKIT MAXIM-DS2488EVKIT Datasheet
1Mb / 11P
Convenient On-Board Test Points
Rev 0; 9/20
MAX1258EVC16 MAXIM-MAX1258EVC16 Datasheet
486Kb / 41P
Convenient On-Board Test Points
Rev 1; 5/07
MAX1241EVKIT MAXIM-MAX1241EVKIT Datasheet
1Mb / 16P
Convenient On-Board Test Points
Rev 1; 8/97
MAX14550EEVKIT MAXIM-MAX14550EEVKIT Datasheet
1,008Kb / 6P
Test Points for Easy Evaluation
Rev 0; 9/09
MAX77827EVKIT MAXIM-MAX77827EVKIT Datasheet
1Mb / 9P
Accessible Test Points for EN, POK, and OUTS
Rev 0; 5/19
MAX31889EVSYS MAXIM-MAX31889EVSYS Datasheet
1Mb / 12P
Easy to Reach Test Points
319-100468; Rev 2; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com