Electronic Components Datasheet Search
  English  ▼

X  

MAX77813 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX77813
Description  Accessible Test Points for EN, POK, and ILIM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77813 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX77813 Datasheet HTML 1Page - Maxim Integrated Products MAX77813 Datasheet HTML 2Page - Maxim Integrated Products MAX77813 Datasheet HTML 3Page - Maxim Integrated Products MAX77813 Datasheet HTML 4Page - Maxim Integrated Products MAX77813 Datasheet HTML 5Page - Maxim Integrated Products MAX77813 Datasheet HTML 6Page - Maxim Integrated Products MAX77813 Datasheet HTML 7Page - Maxim Integrated Products MAX77813 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX77813
MAX77813 Evaluation Kit
Detailed Description of Software
The GUI shown in Figure 3 is the main window of the EV
kit software that provides a convenient means to control
the IC. Use the mouse to navigate through the GUI
controls.
The EV kit software main window consists of group
boxes, checkboxes, and pushbuttons of the CHIP ID read,
STATUS of alarm, configuration Register 1 and 2, and the
VOUT setting register. Refer to the register descriptions in
the data sheet for more information.
Detailed Description of Hardware
The MAX77813 EV kit demonstrates the MAX77813
buck-boost. It regulates output from input voltage ranges
from 2.3V to 5.5V. Programmable output range is from
2.6V to 5.14V with 20mV step. The EV kit is suited with a
general DC input. By connecting an external MINIQUSB,
and launching the EV kit software, the user can adjust
the output voltage and check the status of the buck-boost
on the EV kit GUI. Table 1 lists jumpers and associated
functions that are available on the EV kit.
Figure 3. MAX77813 Evaluation Kit Software Window (CHIPID/STATUS/CONFIG Tab)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com